| 전자부품 데이터시트 검색엔진 |
|
MAX128BENG 데이터시트(PDF) 3 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAX128BENG 데이터시트(HTML) 3 Page - Maxim Integrated Products |
|
3 / 16 page ![]() Multirange, +5V, 12-Bit DAS with 2-Wire Serial Interface _______________________________________________________________________________________ 3 ELECTRICAL CHARACTERISTICS (continued) (VDD = +5V ±5%; unipolar/bipolar range; external reference mode, VREF = 4.096V; 4.7µF at REF pin; external clock, fCLK = 400kHz; TA = TMIN to TMAX; unless otherwise noted. Typical values are at TA = +25°C.) MAX128 MAX127 MAX127 -600 360 IIN -1200 720 µA ±VREF/2 range ±VREF range ±5V range -1200 10 ±10V range -600 10 Bipolar Input Voltage Range VIN -10 10 TC VREF -5 5 MAX127 -VREF VREF -VREF/2 VREF/2 MAX128 Bipolar, Table 3 MAX127 MAX128 0 to 5V or 0 to VREF/2 range 0 to 10V or 0 to VREF range ±5V or ±VREF/2 range ±10V or ±VREF range Buffer Voltage Gain 1.638 V/V REFADJ Adjustment Range ±1.5 % Figure 12 Capacitive Bypass at REF 4.7 µF REFADJ Output Voltage 2.465 2.500 2.535 V Load Regulation (Note 5) 10 mV 0 to 0.5mA output current 0 VREF 0 VREF/2 Unipolar, Table 3 Input Resistance ∆VIN ∆IIN 21 k Ω 16 -10 360 Unipolar Input Current -10 720 Bipolar MAX128 0 to 5V range -10 0.1 10 0 to 10V range Unipolar 2.5 Small-Signal Bandwidth 5 MHz PARAMETER SYMBOL MIN TYP MAX UNITS 2.5 -3dB rolloff 1.25 0 10 V 0 5 Track/Hold Acquisition Time 3 µs Input Capacitance 40 pF REFOUT Voltage VREF 4.076 4.096 4.116 V REFOUT Tempco ±15 ppm/°C Output Short-Circuit Current 30 mA CONDITIONS (Note 4) TA = +25°C MAX127_C/MAX128_C ±30 MAX127_E/MAX128_E ANALOG INPUT INTERNAL REFERENCE |