전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CTDD1107S-S3K-2 데이터시트(PDF) 2 Page - Central Technologies

부품명 CTDD1107S-S3K-2
상세설명  Fixed Input Isolated
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CT [Central Technologies]
홈페이지  http://www.ctparts.com
Logo CT - Central Technologies

CTDD1107S-S3K-2 데이터시트(HTML) 2 Page - Central Technologies

  CTDD1107S-S3K-2 Datasheet HTML 1Page - Central Technologies CTDD1107S-S3K-2 Datasheet HTML 2Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DC/DC Converters
ctparts.com
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2005 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
OUTLINE DIMENSIONS & RECOMMENDED FOOTPRINT DETAILS
11.60
CTDD1208S-S Package
10.20
4.10
7.55
1
2
3
4
1.80
Bottom View
Note: All pins on a 2.54mm pitch; All pin diameters are 0.50mm; all dimensions in mm
Side View
1
2
3
4
2.54
ø1.00+0.15/-0
CTDD1208S-S Footprint
7.62
1.9
PIN CONNECTIONS
1
2
3
4
1
2
3
4
Pin
Function
GND
Vin
0V
+Vo
06.28.05
CTDD1107S-S3K-2 Series
Fixed Input Isolated & Unregulated
2W Output, Single Output



Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com