전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CTDD1906SF-SU3K-1A 데이터시트(PDF) 2 Page - Central Technologies

부품명 CTDD1906SF-SU3K-1A
상세설명  Fixed Input, Isolated
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CT [Central Technologies]
홈페이지  http://www.ctparts.com
Logo CT - Central Technologies

CTDD1906SF-SU3K-1A 데이터시트(HTML) 2 Page - Central Technologies

  CTDD1906SF-SU3K-1A Datasheet HTML 1Page - Central Technologies CTDD1906SF-SU3K-1A Datasheet HTML 2Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2012 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 08.16.12
DC/DC Converters
www.ctparts.com
CTdd1906SF-SU3K-1A
Fixed Input, Isolated & Unregulated
1W Dual/Single Output
EmC rECOmmENdEd CIrCUIT
OUTlINE dImENSIONS & rECOmmENdEd FOOTPrINT dETAIlS
8.30 [0.327]
11.70 [0.461]
5.00 [0.197]
17.50 [0.689]
19.50 [0.768]
6.00 [0.236]
4.10 [0.161]
2.54 [0.100]
15.24[0.600]
0.60[0.024]
9.35 [0.368]
1.75 [0.069]
1
7
2
6
5
Vin
GND
No Pin
+Vo
0V
0.25 [0.010]
Note: grid 2.54*2.54mm.
Note
±
±
±
±
Unit mm[inch]
Pin section tolerances
0.10mm[ 0.004inch
General tolerances
0.25mm[ 0.010inch ]
:
:
:
]
:
Note
Unit mm[inch]
General tolerances
0.50mm[ 0.020inch]
:
:
: ±
±
(Bottom View)
PIN
FUNCTION
FOOTPRINT DETAILS
L=530mm[20.866inch] Devices per tube quantity: 25pcs
L=220mm[8.661inch] Devices per tube quantity: 10pcs
(Main View)
1
2
7
5 6
Ф
1.10 [0.043]
EMI Recommended External Circuit (CLASS B)
Vin
GND
+Vo
-Vo
(0V)
EUT
LOAD
LDM
C1
C2
Vin
GND
(Figure 1)
Recommended external circuit parameters:
Vin: 5V/12V
C1: 475K /50V
LDM: 6.8µH
Vin: 15V/24V
C1: 475K /50V
LDM: 6.8µH
C2:
470pF/2KV
Physical Dimensions
Recommended Footprint
Pin Connections
Tube Outline Dimensions



Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com