| 전자부품 데이터시트 검색엔진 |
|
MAX232AC 데이터시트(PDF) 5 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAX232AC 데이터시트(HTML) 5 Page - Maxim Integrated Products |
|
5 / 36 page ![]() +5V-Powered, Multichannel RS-232 Drivers/Receivers _______________________________________________________________________________________ 5 VCC ...........................................................................-0.3V to +6V V+ ................................................................(VCC - 0.3V) to +14V V- ............................................................................+0.3V to -14V Input Voltages TIN ............................................................-0.3V to (VCC + 0.3V) RIN......................................................................................±30V Output Voltages TOUT ...................................................(V+ + 0.3V) to (V- - 0.3V) ROUT.........................................................-0.3V to (VCC + 0.3V) Short-Circuit Duration, TOUT ......................................Continuous Continuous Power Dissipation (TA = +70°C) 14-Pin Plastic DIP (derate 10.00mW/°C above +70°C)....800mW 16-Pin Plastic DIP (derate 10.53mW/°C above +70°C)....842mW 20-Pin Plastic DIP (derate 11.11mW/°C above +70°C)....889mW 24-Pin Narrow Plastic DIP (derate 13.33mW/°C above +70°C) ..........1.07W 24-Pin Plastic DIP (derate 9.09mW/°C above +70°C)......500mW 16-Pin Wide SO (derate 9.52mW/°C above +70°C).........762mW 20-Pin Wide SO (derate 10 00mW/°C above +70°C).......800mW 24-Pin Wide SO (derate 11.76mW/°C above +70°C).......941mW 28-Pin Wide SO (derate 12.50mW/°C above +70°C) .............1W 44-Pin Plastic FP (derate 11.11mW/°C above +70°C) .....889mW 14-Pin CERDIP (derate 9.09mW/°C above +70°C) ..........727mW 16-Pin CERDIP (derate 10.00mW/°C above +70°C) ........800mW 20-Pin CERDIP (derate 11.11mW/°C above +70°C) ........889mW 24-Pin Narrow CERDIP (derate 12.50mW/°C above +70°C) ..............1W 24-Pin Sidebraze (derate 20.0mW/°C above +70°C)..........1.6W 28-Pin SSOP (derate 9.52mW/°C above +70°C).............762mW Operating Temperature Ranges MAX2 _ _ C _ _......................................................0°C to +70°C MAX2 _ _ E _ _ ...................................................-40°C to +85°C MAX2 _ _ M _ _ ...............................................-55°C to +125°C Storage Temperature Range .............................-65°C to +160°C Lead Temperature (soldering, 10s) (Note 4) ...................+300°C ABSOLUTE MAXIMUM RATINGS—MAX223/MAX230–MAX241 ELECTRICAL CHARACTERISTICS—MAX223/MAX230–MAX241 (MAX223/230/232/234/236/237/238/240/241, VCC = +5V ±10; MAX233/MAX235, VCC = 5V ±5%‚ C1–C4 = 1.0µF; MAX231/MAX239, VCC = 5V ±10%; V+ = 7.5V to 13.2V; TA = TMIN to TMAX; unless otherwise noted.) Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. CONDITIONS MIN TYP MAX UNITS Output Voltage Swing All transmitter outputs loaded with 3k Ω to ground ±5.0 ±7.3 V VCC Power-Supply Current No load, TA = +25°C 510 mA 715 0.4 1 V+ Power-Supply Current 1.8 5 mA 515 Shutdown Supply Current TA = +25°C 15 50 V Input Logic Threshold High TIN 2.0 EN, SHDN (MAX223); EN, SHDN (MAX230/235/236/240/241) 2.4 Logic Pull-Up Current TIN =0V 1.5 200 Receiver Input Voltage Operating Range -30 +30 V µA µA 110 V Input Logic Threshold Low TIN; EN, SHDN (MAX233); EN, SHDN (MAX230/235–241) 0.8 MAX231/239 MAX223/230/234–238/240/241 MAX232/233 PARAMETER MAX239 MAX230/235/236/240/241 MAX231 MAX223 Note 4: Maximum reflow temperature for the MAX233/MAX235 is +225°C. |