전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IR3891M 데이터시트(PDF) 13 Page - International Rectifier

부품명 IR3891M
상세설명  Single-Input Voltage, Synchronous Buck Regulator
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IR3891M 데이터시트(HTML) 13 Page - International Rectifier

Back Button IR3891M Datasheet HTML 9Page - International Rectifier IR3891M Datasheet HTML 10Page - International Rectifier IR3891M Datasheet HTML 11Page - International Rectifier IR3891M Datasheet HTML 12Page - International Rectifier IR3891M Datasheet HTML 13Page - International Rectifier IR3891M Datasheet HTML 14Page - International Rectifier IR3891M Datasheet HTML 15Page - International Rectifier IR3891M Datasheet HTML 16Page - International Rectifier IR3891M Datasheet HTML 17Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 51 page
background image
IR3891
13
www.irf.com
© 2014 International Rectifier
Submit Datasheet Feedback
May 29, 2014
TYPICAL OPERATING CHARACTERISTICS (-40°C TO +125°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com