전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2N6674 데이터시트(PDF) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

부품명 2N6674
상세설명  Silicon NPN Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
홈페이지  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

2N6674 데이터시트(HTML) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  2N6674_15 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. 2N6674_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. 2N6674_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
JMnic
Product Specification
2
Silicon NPN Power Transistors
2N6674 2N6675
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
2N6674
300
VCEO(SUS)
Collector-emitter
sustaining voltage
2N6675
IC=0.2A ;IB=0
400
V
VCEsat-1
Collector-emitter saturation voltage
IC=10A; IB=2A
1.0
V
VCEsat-2
Collector-emitter saturation voltage
IC=15A; IB=5A
5.0
V
VBEsat
Base-emitter saturation voltage
IC=10A; IB=2A
1.5
V
2N6674
VCB=450V; IE=0
ICBO
Collector cut-off current
2N6675
VCB=650V; IE=0
0.1
mA
IEBO
Emitter cut-off current
VEB=7V; IC=0
1.0
mA
hFE-1
DC current gain
IC=1A ; VCE=3V
15
40
hFE-2
DC current gain
IC=10A ; VCE=2V
8
20
fT
Trainsistion frequency
IC=0.5A ; VCE=10V;f=1MHz
15
MHz



Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com