전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2N6833 데이터시트(PDF) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

부품명 2N6833
상세설명  Silicon NPN Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
홈페이지  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

2N6833 데이터시트(HTML) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  2N6833_15 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. 2N6833_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. 2N6833_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
JMnic
Product Specification
2
Silicon NPN Power Transistors
2N6833
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO(SUS)
Collector-emitter sustaining voltage
IC=0.1A ;IB=0
450
V
VCEsat-1
Collector-emitter saturation voltage
IC=1.5A;IB=0.15A
1.0
V
VCEsat-2
Collector-emitter saturation voltage
IC=3A;IB=0.4A
TC=100℃
2.5
2.5
V
VBE sat
Base-emitter saturation voltage
IC=3A;IB=0.4A
TC=100℃
1.5
1.5
V
ICEV
Collector cut-off current
VCE=850V;VBE=-1.5V
TC=105℃
0.25
1.5
mA
IEBO
Emitter cut-off current
VBE=6V; IC=0
1.0
mA
hFE-1
DC current gain
IC=3A ; VCE=5V
7.5
30
hFE-2
DC current gain
IC=5A ; VCE=5V
5
Cob
Output capacitance
IE=0 ; f=1kHz,VCB=10V
20
200
pF
fT
Transition frequency
IC=0.25A ; VCE=10V;f=10MHz
15
75
MHz



Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com