| 전자부품 데이터시트 검색엔진 |
|
IR4301 데이터시트(PDF) 3 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IR4301 데이터시트(HTML) 3 Page - International Rectifier |
|
3 / 15 page ![]() IR43x1 3 www.irf.com © 2013 International Rectifier Description The IR43x1 integrates PWM controller and digital audio MOSFETs forming a high performance Class D audio amplifier. As a result of fully optimized MOSFETs co-packed with a dedicated controller IC, the IR43X1operates without mechanical heatsink attached in a typical music playback usage. High voltage ratings and noise immunity in the controller IC ensures reliable operation over various environmental conditions. A small 5x6 mm PQFN package enhances the benefit of smaller size of Class D topology. The IR43x1 are a lead-free, ROHS compliant. Typical Connection Diagram 1. Inverting Amplifier -B +B Speaker VB VAA VSS IN+ IN- COMP CSD COM VN VS VP VCC CSH GND VCC INPUT 2. Differential Amplifier -B +B Speaker VB VAA VSS IN+ IN- COMP CSD COM VN VS VP VCC CSH GND VCC IN- IN+ April 22, 2013 |