전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

8T49N287 데이터시트(PDF) 9 Page - Integrated Circuit Systems

부품명 8T49N287
상세설명  Optional Fast Lock function
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ICST [Integrated Circuit Systems]
홈페이지  http://www.icst.com
Logo ICST - Integrated Circuit Systems

8T49N287 데이터시트(HTML) 9 Page - Integrated Circuit Systems

Back Button 8T49N287 Datasheet HTML 5Page - Integrated Circuit Systems 8T49N287 Datasheet HTML 6Page - Integrated Circuit Systems 8T49N287 Datasheet HTML 7Page - Integrated Circuit Systems 8T49N287 Datasheet HTML 8Page - Integrated Circuit Systems 8T49N287 Datasheet HTML 9Page - Integrated Circuit Systems 8T49N287 Datasheet HTML 10Page - Integrated Circuit Systems 8T49N287 Datasheet HTML 11Page - Integrated Circuit Systems 8T49N287 Datasheet HTML 12Page - Integrated Circuit Systems 8T49N287 Datasheet HTML 13Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 75 page
background image
8T49N287 DATA SHEET
REVISION 5 07/09/15
9
FEMTOCLOCK® NG OCTAL UNIVERSAL FREQUENCY TRANSLATOR
Output Phase Control on Switchover
When the 8T49N287 switches between input references, enters or
leaves the holdover state for either PLL, there are two options on how
the output phase can be controlled in these events: phase-slope
limiting or fully hitless switching (sometimes called phase build-out)
may be selected. The SWMODEn bit selects which behavior is to be
followed for PLLn.
If fully hitless switching is selected, then the output phase will remain
unchanged under any of these conditions. Note that fully hitless
switching is not supported when external loopback is being used.
Fully hitless switching should not be used unless all input references
are in the same clock domain. Note that use of this mode may prevent
an output frequency and phase from being able to trace its alignment
back to a primary reference source.
If phase-slope limiting is selected, then the output phase will adjust
from its previous value until it is tracking the new condition at a rate
dictated by the SLEWn[1:0] bits. Phase-slope limiting should be used
if all input references are not in the same clock domain or users wish
to retain traceability to a primary reference source.
Input-Output Delay Control
When using the 8T49N285 in external loopback or in a situation
where input-output delay needs to be known and controlled, it is
necessary to examine the exact signal path through the device. Due
to the flexibility of the device, there are a large number of potential
signal paths from input to output through it that depend on the desired
configuration. Each of those potential paths may include or exclude
logic blocks from the path and change the absolute value of the delay
(Static Phase Offset or SPO) through the device. Considering the
range of SPO values to cover all those potential paths would not be
useful in achieving the target delays for any specific user
configuration. Please contact IDT for the specific SPO value
associated with a desired input-output path. Note that events such as
switchovers, entering or leaving holdover or re-configuring the signal
path can result in one-time changes to the SPO due to that path
re-configuration. The AC Electrical Characteristics, (Table 11A)
indicates the maximum variation in SPO that could be expected for a
particular path through the device.
Output Phase Alignment
The device has a programmable output to output phase alignment for
each of the eight output dividers. After power-up and the PLLs have
achieved lock, the device will be in a state where the outputs are
synchronized with a deterministic offset relative to each other.After
synchronization, the output alignment will depend on the particular
configuration of each output according to the following rules. The
step size is defined as the period of the clock to that divider:
1) Only outputs derived from the same source will be aligned with
each other. 'Source' means the reference selected to drive the output
divider as controlled by the CLK_SELn bit for each output.
2) For integer dividers (Q[0:1], Q[4:7]) when both divider stages are
active, edges are aligned. This case is used as a baseline to compare
the other cases here.
3) For integer dividers where the 1st-stage divider is bypassed (only
Q[4:7] support this), coarse delay adjustments can’t be performed.
The output phase will be one step earlier than in Case 2.
4) Fractional output dividers (Q2 or Q3) do not guarantee any specific
phase on power-up or after a synchronization event.
5) Integer dividers using Q2 or Q3 as a source (Q[4:7] support this
option) will be aligned to their source divider's output (Q2 or Q3).
Note that the output skews described above are not included in any
of the phase adjustments described here.
Once the device is in operation, the outputs associated with each
PLL may have their phase adjustments re-synced in one of two ways:
1) If the PLL becomes unlocked, the coarse phase adjustments will
be reset and the fine phase adjustments will be re-loaded once it
becomes locked again.
2) Toggling of a register bit for either PLL (PLLn_SYN bits in register
00A8h) may also be used to force a re-sync / re-load for outputs
associated with that PLL.
The user may apply adjustments that are proportional to the period
of the clock source each output divider is operating from. For
example, if the divider associated with Output Q3 is running off PLL0,
which has a VCO frequency of 4GHz, then the appropriate period
would be 250ps. The output phase may be adjusted in these steps
across the full period of the output.
Coarse Adjustment: all Output Dividers may have their phase
adjusted in steps of the source clock period. For example a 4GHz
VCO gives a step size of 250ps. The user may request an
adjustment of phase of up to 31 steps using a single register write.
The phase will be adjusted by lengthening the period of the output
by 250ps at a time. This process will be repeated every four output
clock periods until the full requested adjustment has been
achieved. A busy signal will remain asserted in the phase delay
register until the requested adjustment is complete. Then a further
adjustment may be setup and triggered by toggling the trigger bit.
Fine Adjustment: For the Fractional Output Dividers associated
with the Q2 and Q3 outputs, the phase of those outputs may be
further adjusted with a granularity of 1/16th of the VCO period. For
example a 4GHz VCO frequency gives a granularity of 16ps. This
is performed by directly writing the required offset (from the
nominal rising edge position) in units of 1/16th of the output period
into a register. Then the appropriate PLLn_SYN bit must be
toggled to load the new value. Note that toggling this bit will clear
all Coarse Delays for all outputs associated with that PLL, so Fine
Delays should be set first, before Coarse Delays. The output will
then jump directly to that new offset value. For this reason, this
adjustment should be made as the input is initially programmed or
in High-Impedance.
Each output has the capability of being inverted (180° phase shift).
Jitter and Wander Tolerance
The 8T49N287 can be used as a line card device and therefore is
expected to tolerate the jitter and wander output of a timing card PLL
(e.g 82P33714).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com