전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MAX3935E/D 데이터시트(PDF) 10 Page - Maxim Integrated Products

부품명 MAX3935E/D
상세설명  10.7Gbps EAM Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MAXIM [Maxim Integrated Products]
홈페이지  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3935E/D 데이터시트(HTML) 10 Page - Maxim Integrated Products

Back Button MAX3935E/D Datasheet HTML 6Page - Maxim Integrated Products MAX3935E/D Datasheet HTML 7Page - Maxim Integrated Products MAX3935E/D Datasheet HTML 8Page - Maxim Integrated Products MAX3935E/D Datasheet HTML 9Page - Maxim Integrated Products MAX3935E/D Datasheet HTML 10Page - Maxim Integrated Products MAX3935E/D Datasheet HTML 11Page - Maxim Integrated Products MAX3935E/D Datasheet HTML 12Page - Maxim Integrated Products MAX3935E/D Datasheet HTML 13Page - Maxim Integrated Products MAX3935E/D Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10.7Gbps EAM Driver
10
______________________________________________________________________________________
DATA+
DATA-
50
Ω
50
Ω
GND
VTT
VEE
GND
MODN1 MOD1 MOD2
100
Ω
150
Ω
150
Ω
MODN2
100
Ω
150
Ω
150
Ω
GND
VEE
IMOD
* NOTE: ESD PROTECTION IS INCLUDED ON MOD1, MOD2, MODN1, AND MODN2.
Figure 4. Equivalent Input Circuit
Figure 5. Equivalent Output Circuit
Input and Output Schematics
Applications Information
Layout Considerations
To minimize loss and crosstalk, keep the connections
between the MAX3935 output and the EAM module as
short as possible. Use good high-frequency layout
techniques and multilayer boards with uninterrupted
ground plane to minimize EMI and crosstalk. Make cir-
cuit boards using low-loss dielectrics. Use controlled-
impedance lines for the clock and data inputs as well
as the modulation output.
Wire Bonding Die
For high-current density and reliable operation, the
MAX3935 uses gold metalization. Make connections to
the die with gold wire only, using ball-bonding tech-
niques. Wedge-bonding processes are not recom-
mended due to possible fracturing of sublayers
caused by stress during bonding. Die thickness is
8 mils (203µm). Die size is 64 mils by 120 mils
(1.626mm by 3.048mm).
The inductance at the high-speed connections for
MOD1, MOD2 and MODN1, MODN2 must be mini-
mized. The minimum length of the bond wires is con-
strained by the type of wire bonder used as well as the
dimensions of the die. Wire length measured in the x-y
plane from the edge of the die should approach 15 mils
if possible. The bond wire must not come closer to the
edge of die than 2X the bond wire diameter. MOD1 and
MOD2 should each have a wire bond to reduce the total
inductance for the MOD output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com