전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFE330 데이터시트(PDF) 2 Page - International Rectifier

부품명 IRFE330
상세설명  Simple Drive Requirements
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRFE330 데이터시트(HTML) 2 Page - International Rectifier

  IRFE330 Datasheet HTML 1Page - International Rectifier IRFE330 Datasheet HTML 2Page - International Rectifier IRFE330 Datasheet HTML 3Page - International Rectifier IRFE330 Datasheet HTML 4Page - International Rectifier IRFE330 Datasheet HTML 5Page - International Rectifier IRFE330 Datasheet HTML 6Page - International Rectifier IRFE330 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
IRFE330, JANTX2N6800U
2
www.irf.com
Thermal Resistance
Parameter
Min Typ Max Units
Test Conditions
RthJC
Junction to Case
—
—
5.0
RthJ-PCB
Junction to PC Board
—
19
Soldered to a copper clad PC board
°C/W
Source-DrainDiodeRatingsandCharacteristics
Parameter
Min Typ Max Units
Test Conditions
IS
Continuous Source Current (Body Diode)
—
—
3.0
ISM
Pulse Source Current (Body Diode)
À
——
12
VSD Diode Forward Voltage
—
—
1.4
V
Tj = 25°C, IS = 3.0A, VGS = 0V Ã
trr
Reverse Recovery Time
—
—
700
ns
Tj = 25°C, IF = 3.0A, di/dt ≤ 100A/µs
QRR Reverse Recovery Charge
—
—
6.2
µc
VDD ≤ 50V Ã
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible. Turn-on speed is substantially controlled by LS + LD.
A
For footnotes refer to the last page
Electrical Characteristics @ Tj = 25°C (Unless Otherwise Specified)
Parameter
Min
Typ Max Units
Test Conditions
BVDSS
Drain-to-Source Breakdown Voltage
400
—
—
V
VGS = 0V, ID = 1.0mA
∆BVDSS/∆TJ Temperature Coefficient of Breakdown
—
0.35
—
V/°C
Reference to 25°C, ID = 1.0mA
Voltage
RDS(on)
Static Drain-to-Source On-State
—
—
1.0
VGS = 10V, ID = 2.0A Ã
Resistance
—
—
1.15
VGS = 10V, ID = 3.0A Ã
VGS(th)
Gate Threshold Voltage
2.0
—
4.0
V
VDS = VGS, ID = 250µA
gfs
Forward Transconductance
2.4
—
—
S
VDS = 15V, IDS = 2.0A Ã
IDSS
Zero Gate Voltage Drain Current
—
—
25
VDS = 320V, VGS = 0V
—
—
250
VDS = 320V
VGS = 0V, TJ = 125°C
IGSS
Gate-to-Source Leakage Forward
—
—
100
VGS = 20V
IGSS
Gate-to-Source Leakage Reverse
—
—
-100
VGS = -20V
Qg
Total Gate Charge
—
—
33
VGS = 10V, ID = 3.0A
Qgs
Gate-to-Source Charge
—
—
5.8
nC
VDS = 200V
Qgd
Gate-to-Drain (‘Miller’) Charge
—
—
17
td(on)
Turn-On Delay Time
—
—
30
VDD = 200V, ID = 3.0A,
tr
Rise Time
—
—
35
VGS = 10V, RG = 7.5Ω
td(off)
Turn-Off Delay Time
—
—
55
tf
Fall Time
—
—
35
LS + LD
Total Inductance
—
6.1
—
Ciss
Input Capacitance
—
660
VGS = 0V, VDS = 25V
Coss
Output Capacitance
—
190
—
pF
f = 1.0MHz
Crss
Reverse Transfer Capacitance
—
68
—
nA
nH
ns
µA
Ω
Measured from the center of
drain pad to center of source
pad
Note: Corresponding Spice and Saber models are available on International Rectifier website.



Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com