전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SCG3043 데이터시트(PDF) 8 Page - Connor-Winfield Corporation

부품명 SCG3043
상세설명  Synchronous Clock Generators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CONNOR-WINFIELD [Connor-Winfield Corporation]
홈페이지  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

SCG3043 데이터시트(HTML) 8 Page - Connor-Winfield Corporation

Back Button SCG3043 Datasheet HTML 4Page - Connor-Winfield Corporation SCG3043 Datasheet HTML 5Page - Connor-Winfield Corporation SCG3043 Datasheet HTML 6Page - Connor-Winfield Corporation SCG3043 Datasheet HTML 7Page - Connor-Winfield Corporation SCG3043 Datasheet HTML 8Page - Connor-Winfield Corporation SCG3043 Datasheet HTML 9Page - Connor-Winfield Corporation SCG3043 Datasheet HTML 10Page - Connor-Winfield Corporation SCG3043 Datasheet HTML 11Page - Connor-Winfield Corporation SCG3043 Datasheet HTML 12Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Data Sheet #: SG094
Page 8 of 12
Rev: P00
Date: 11/17/04
© Copyright 2004 The Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
Recommended LVPECL Termination
Figure 8
NOTES: 8: Q & QN are differential open emitter outputs
50
SCGxxx
LVPECL
OUTPUT
Q
QN
Vcc
GND
50 OHM Transmission Line
3.3 VDC
82
50 OHM Transmission Line
LVPECL
INPUT
D
DN
Vcc
GND
Vcc 2 VDC
3.3 VDC
SCGxxx
LVPECL
OUTPUT
Q
QN
Vcc
GND
LVPECL
INPUT
D
DN
Vcc
GND
50
130
82
3.3 VDC
LVPECL
INPUT
D
DN
Vcc
GND
3.3 VDC
3.3 VDC
50 OHM Transmission Line
3.3 VDC
50 OHM Transmission Line
3.3 VDC
SCGxxx
LVPECL
OUTPUT
Q
QN
Vcc
GND
Vcc 2 VDC
100
50 OHM Transmission Line
130
3.3 VDC
50 OHM Transmission Line
150
150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com