| 전자부품 데이터시트 검색엔진 |
|
MAX4310ESA 데이터시트(PDF) 16 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAX4310ESA 데이터시트(HTML) 16 Page - Maxim Integrated Products |
|
16 / 20 page ![]() Digital Interface The multiplexer architecture of the MAX4310–MAX4315 ensures that no two input channels are ever connected together. Channel selection is accomplished by apply- ing a binary code to channel address inputs. The address decoder selects input channels, as shown in Table 2. All digital inputs are CMOS compatible. High-Speed Evaluation Board Figures 10 and 11 show the evaluation board and pre- sent a suggested layout for the circuits. This board was developed using the techniques described in the Layout and Power-Supply Bypassing section of this data sheet. The smallest available surface-mount resis- tors were used for feedback and back-termination to minimize their distance from the part, reducing the capacitance associated with longer lead lengths. SMA connectors were used for best high-frequency performance. Inputs and outputs do not match a 75 Ω line, but this does not affect performance since dis- tances are extremely short. However, in applications that require lead lengths greater than one-quarter of the wavelength of the highest frequency of interest, use constant-impedance traces. Fully assembled evaluation boards are available for the MAX4313 in an SO package. High-Speed, Low-Power, Single-Supply, Multichannel, Video Multiplexer-Amplifiers 16 ______________________________________________________________________________________ MAX4313 0.1 µF 75 Ω 8 OUT 3 VCC +4V TO +10.5V IN1 IN0 5 4 16 2 7 A0 75 Ω 500 Ω GND VEE SHDN 500 Ω VIDEO OUTPUT 75 Ω CABLE Typical Operating Circuit Chip Information TRANSISTOR COUNT: 156 |