전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STBV32A3 데이터시트(PDF) 2 Page - Cystech Electonics Corp.

부품명 STBV32A3
상세설명  High Voltage NPN Power Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYSTEKEC [Cystech Electonics Corp.]
홈페이지  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

STBV32A3 데이터시트(HTML) 2 Page - Cystech Electonics Corp.

  STBV32A3 Datasheet HTML 1Page - Cystech Electonics Corp. STBV32A3 Datasheet HTML 2Page - Cystech Electonics Corp. STBV32A3 Datasheet HTML 3Page - Cystech Electonics Corp. STBV32A3 Datasheet HTML 4Page - Cystech Electonics Corp. STBV32A3 Datasheet HTML 5Page - Cystech Electonics Corp. STBV32A3 Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C827A3
Issued Date : 2007.09.20
Revised Date : 2014.09.03
Page No. : 2/6
STBV32A3
CYStek Product Specification
Absolute Maximum Ratings (Ta=25C)
Parameter
Symbol
Limits
Unit
Collector-Base Voltage
VCBO
700
V
Collector-Emitter Voltage
VCEO
450
V
Emitter-Base Voltage
VEBO
9
V
Collector Current (DC)
IC
1.5
A
Collector Current (Pulse)
ICM
3 (Note)
A
Base Current (DC)
IB
0.5
A
Base Current (Pulse)
IBM
1.5 (Note)
A
Power Dissipation
PD
0.6
W
Thermal Resistance, Junction to Ambient
RθJA
208
C/W
Junction Temperature
Tj
150
C
Storage Temperature
Tstg
-65~+150
C
Note : Pulse test, PW ≤ 5ms
Characteristics (Ta=25C)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
700
-
-
V
IC=100μA
BVCEO
450
-
-
V
IC=10mA
BVEBO
9
-
-
V
IE=100μA
ICBO
-
-
10
μA
VCB=700V, IE=0
IEBO
-
-
10
μA
VEB=9V, IC=0
*VCE(SAT)
-
-
0.4
V
IC=500mA, IB=100mA
*VCE(SAT)
-
-
1
V
IC=1.5A, IB=500mA
*hFE 1
18
-
39
-
VCE=2V, IC=500mA
*hFE 2
5
-
35
-
VCE=2V, IC=1A
fT
4
-
-
MHz
VCE=10V, IC=100mA, f=100MHz
Cob
-
21
-
pF
VCB=10V, IE=0A, f=1MHz
ton
-
1.1
-
μs
VCC=125V, RL=125Ω,IC=1A,
IB1=-IB2=0.2A
tstg
-
-
4
tf
-
-
0.7
*Pulse Test: Pulse Width 380
μs, Duty Cycle2%



Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com