전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ZD5225ASH 데이터시트(PDF) 6 Page - Cystech Electonics Corp.

부품명 ZD5225ASH
상세설명  Ultra small surface mount package
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYSTEKEC [Cystech Electonics Corp.]
홈페이지  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

ZD5225ASH 데이터시트(HTML) 6 Page - Cystech Electonics Corp.

  ZD5225ASH Datasheet HTML 1Page - Cystech Electonics Corp. ZD5225ASH Datasheet HTML 2Page - Cystech Electonics Corp. ZD5225ASH Datasheet HTML 3Page - Cystech Electonics Corp. ZD5225ASH Datasheet HTML 4Page - Cystech Electonics Corp. ZD5225ASH Datasheet HTML 5Page - Cystech Electonics Corp. ZD5225ASH Datasheet HTML 6Page - Cystech Electonics Corp. ZD5225ASH Datasheet HTML 7Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
CYStech Electronics Corp.
Spec. No. : C326SH
Issued Date : 2009.10.07
Revised Date : 2014.05.16
Page No. : 6/7
ZD5221ASH thru ZD5267ASH
CYStek Product Specification
Recommended wave soldering condition
Product
Peak Temperature
Soldering Time
Pb-free devices
260 +0/-5
°C
5 +1/-1 seconds
Recommended temperature profile for IR reflow
Profile feature
Sn-Pb eutectic Assembly
Pb-free Assembly
Average ramp-up rate
(Tsmax to Tp)
3
°C/second max.
3
°C/second max.
Preheat
−Temperature Min(TS min)
−Temperature Max(TS max)
−Time(ts min to ts max)
100
°C
150
°C
60-120 seconds
150
°C
200
°C
60-180 seconds
Time maintained above:
−Temperature (TL)
− Time (tL)
183
°C
60-150 seconds
217
°C
60-150 seconds
Peak Temperature(TP)
240 +0/-5
°C
260 +0/-5
°C
Time within 5
°C of actual peak
temperature(tp)
10-30 seconds
20-40 seconds
Ramp down rate
6
°C/second max.
6
°C/second max.
Time 25
°C to peak temperature
6 minutes max.
8 minutes max.
Note : All temperatures refer to topside of the package, measured on the package body surface.



Html Pages

1 2 3 4 5 6 7