| 전자부품 데이터시트 검색엔진 |
|
MAX522ESA 데이터시트(PDF) 9 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAX522ESA 데이터시트(HTML) 9 Page - Maxim Integrated Products |
|
9 / 12 page ![]() Dual, 8-Bit, Voltage-Output Serial DAC in 8-Pin SO Package _______________________________________________________________________________________ 9 DIN SCLK CS UB1 UB2 UB3 SB SA UB4 LB LA D7 D6 D5 D4 D3 D2 D1 D0 OPTIONAL INSTRUCTION EXECUTED (CONTROL BYTE) (DATA BYTE) Figure 2. MAX522 3-Wire Serial-Interface Timing Diagram Table 2. Serial-Interface Programming Commands Table 3. Example of a 16-Bit Input Word X = Don’t care. * = Not shown, for the sake of clarity. The functions of loading and shutting down the DACs and programming the logic can be combined in a single command. X X 1 0 0 0 1 1 1 0 0 0 0 0 0 0 UB1 UB2 UB3 SB SA UB4 LB LA B7 B6 B5 B4 B3 B2 B1 B0 Loaded Loaded in First in Last CONTROL * 1 1 * 0 X X 1 X 0 * 1 1 X X X X X 0 * 0 1 0 0 1 0 0 1 B6 B5 Shut Down All DACs X X X X X X X X * * 0 1 1 1 X X Shut Down DAC A X X X X X X X X * * 0 1 0 1 X X Shut Down DAC B X X X X X X X X * * 0 0 1 1 X X Unassigned Command X X X X X X X X * * 0 0 0 1 X X All DACs Active X X X X X X X X * * 0 0 0 1 X X Load Both DAC Registers 8-Bit DAC Data * Load Register to DAC A 8-Bit DAC Data * Load Register to DAC B 8-Bit DAC Data * Unassigned Command * No Operation to DAC Registers X X X X X X X X 0 0 0 * * 1 X X FUNCTION B0 LSB B1 B2 B3 B4 B7 MSB LA LB UB4 SA SB UB3 UB2 UB1 DATA |