전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S25A010 데이터시트(PDF) 10 Page - Seiko Instruments Inc

부품명 S25A010
상세설명  FOR AUTOMOTIVE 125C OPERATION
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SII [Seiko Instruments Inc]
홈페이지  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S25A010 데이터시트(HTML) 10 Page - Seiko Instruments Inc

Back Button S25A010 Datasheet HTML 6Page - Seiko Instruments Inc S25A010 Datasheet HTML 7Page - Seiko Instruments Inc S25A010 Datasheet HTML 8Page - Seiko Instruments Inc S25A010 Datasheet HTML 9Page - Seiko Instruments Inc S25A010 Datasheet HTML 10Page - Seiko Instruments Inc S25A010 Datasheet HTML 11Page - Seiko Instruments Inc S25A010 Datasheet HTML 12Page - Seiko Instruments Inc S25A010 Datasheet HTML 13Page - Seiko Instruments Inc S25A010 Datasheet HTML 14Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
FOR AUTOMOTIVE 125°C OPERATION SPI SERIAL E2PROM
S-25A010A/020A/040A
Rev.5.2_00
Seiko Instruments Inc.
10
Table 18
Item
Symbol
Ta =
−40°C to +125°C
Unit
VCC = 2.5 V to 5.5 V
Min.
Max.
Write time
tPR
4.0
ms
SO
tCSH.CL
SCK
CS
SI
tCSS.CL
tDS
tDH
MSB IN
LSB IN
tCSH.CH
tCSS.CH
tCDS
tFSK
tRSK
High-Z
Figure 5 Serial Input Timing
SO
SCK
HOLD
CS
SI
tSKH.HL
tOZ.HL
tOD.HH
tSKH.HH
tSKS.HL
tSKS.HH
Figure 6 Hold Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com