| 전자부품 데이터시트 검색엔진 |
|
S5470 데이터시트(PDF) 13 Page - Seiko Instruments Inc |
|
|
|||||||||||||||||||||||||||||
S5470 데이터시트(HTML) 13 Page - Seiko Instruments Inc |
|
13 / 24 page ![]() ULTRA-LOW CURRENT CONSUMPTION PHOTOCURRENT DETECTION IC Rev.1.2_00 S-5470 Series Seiko Instruments Inc. 13 Application Circuits 1. Certain photocurrent level detector If PD or LED exceeds a certain value, the output signal inverts. VDD OUT VSS S-5470 Series INP INM VOUT 0.1 μF D1 Figure 20 Example Certain Photocurrent Level Detector (CMOS Output Product) VDD OUT VSS S-5470 Series INP INM VOUT 0.1 μF R 100 k Ω D1 Figure 21 Example Certain Photocurrent Level Detector (Nch Open-drain Output Product) Caution The above connection diagram and constant will not guarantee successful operation. Perform thorough evaluation using the actual application to set the constant. |