| 전자부품 데이터시트 검색엔진 |
|
MAX6325ESA 데이터시트(PDF) 2 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAX6325ESA 데이터시트(HTML) 2 Page - Maxim Integrated Products |
|
2 / 12 page ![]() 1ppm/°C, Low-Noise, +2.5V/+4.096V/+5V Voltage References 2 _______________________________________________________________________________________ ABSOLUTE MAXIMUM RATINGS ELECTRICAL CHARACTERISTICS—MAX6325 (VIN = 10V, IOUT = 0mA, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. (Voltages Referenced to GND) IN ................................................................................-0.3V to 40V OUT, TRIM ..................................................................-0.3V to 12V NR.................................................................................-0.3V to 6V OUT Short Circuit to GND Duration (VIN ≤ 12V)..........Continuous OUT Short Circuit to GND Duration (VIN ≤ 40V) ....................5sec OUT Short Circuit to IN Duration (VIN ≤ 12V) ..............Continuous Continuous Power Dissipation (TA = +70°C) Plastic DIP (derate 9.09mW/°C above +70°C)................727mW SO (derate 5.88mW/°C above +70°C) ............................471mW CERDIP (derate 8.00mW/°C above +70°C) ....................640mW Operating Temperature Ranges MAX63_ _ C_ A.......................................................0°C to +70°C MAX63_ _ E_ A ....................................................-40°C to +85°C MAX63_ _ MJA ..................................................-55°C to +125°C Storage Temperature Range ..............................-65°C to +150°C Lead Temperature (soldering, 10sec)...............................+300°C Load Regulation (Note 2) ∆VOUT / ∆IOUT ppm/mA +25°C +25°C µs 5 +25°C tON Turn-On Settling Time To ±0.01% of final value µVRMS 1.3 2.8 +25°C en Output Noise Voltage (Note 3) µVp-p 1.5 mV ±15 ±25 C, E, M ∆VOUT Trim-Adjustment Range mA 3.0 C, E, M IIN Supply Current 1.8 2.7 +25°C 10 30 M 1 7 10Hz ≤ f ≤ 1kHz E 0.1Hz ≤ f ≤ 10Hz Figure 1 1 6 C ppm/ 1000h 3 15 M 30 +25°C 1 7 ∆VOUT / t Long-Term Stability E 1 6 C +25°C Temperature Hysteresis ppm 20 (Note 4) 10 M 8 E 7 C 2 5 +25°C 10V ≤ VIN ≤ 36V 45 M 35 E 30 C MAX6325MJA 1.0 2.5 M 8V ≤ VIN ≤ 10V CONDITIONS MAX6325E_A MAX6325C_A MAX6325 ppm/V 10 18 +25°C ∆VOUT / ∆VIN Line Regulation (Note 2) ppm/°C 0.75 1.5 E TCVOUT Output Voltage Temperature Coefficient (Note 1) 0.5 1.0 C Output Voltage VOUT 2.499 2.500 2.501 V TA C, E, M PARAMETER SYMBOL MIN TYP MAX UNITS Input Voltage Range VIN 8 36 V Sourcing: 0mA ≤ IOUT ≤ 15mA Sinking: -15mA ≤ IOUT ≤ 0mA |