| 전자부품 데이터시트 검색엔진 |
|
BLM2425M7S60P 데이터시트(PDF) 3 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
BLM2425M7S60P 데이터시트(HTML) 3 Page - NXP Semiconductors |
|
3 / 12 page ![]() BLM2425M7S60P All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2015. All rights reserved. Objective data sheet Rev. 1 — 18 May 2015 3 of 12 NXP Semiconductors BLM2425M7S60P LDMOS 2-stage power MMIC 3. Ordering information 4. Block diagram 5. Limiting values [1] Continuous use at maximum temperature will affect the reliability, for details refer to the on-line MTF calculator. Table 3. Ordering information Type number Package Name Description Version BLM2425M7S60P HSOP16F plastic, heatsink small outline package; 16 leads(flat) SOT1211-1 Fig 2. Block diagram of BLM2425M7S60P Table 4. Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Symbol Parameter Conditions Min Max Unit VDS drain-source voltage - 65 V VGS gate-source voltage 0.5 +13 V VGS(sense) sense gate-source voltage 0.5 +9 V Tstg storage temperature 65 +150 C Tj junction temperature [1] -225 C Tcase case temperature - 150 C |