| 전자부품 데이터시트 검색엔진 |
|
UCD3138ARGCT 데이터시트(PDF) 54 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
UCD3138ARGCT 데이터시트(HTML) 54 Page - Texas Instruments |
|
54 / 83 page ![]() QT1 QB1 Lr ISOLATED GATE Transformer SYNCHRONOUS GATE DRIVE PRIM CURRENT VOUT +12V T1 T1 ORING CTL VA VBUS QT2 QB2 D1 D2 T2 L1 Q5 RL C1 C2 R2 Q6 Q7 I_SHARE Vout Iout I_pri temp Vin VA UCD3138 ARM7 FAULT0 AD01 AD02/CMP0 AD03/CMP1/CMP2 AD04/CMP3 AD05/CMP4 AD00 AD06/CMP5 FAULT1 FAULT2 GPIO2 GPIO3 GPIO1 AD07/CMP6 AD08 AD09 DPWM0B DPWM1B DPWM2A DPWM2B ORING_CRTL P_GOOD DPWM3A DPWM3B Vout ON/OFF FAILURE ACFAIL_OUT ACFAIL_IN I_pri Iout EADC0 EADC1 CLA0 CLA1 EADC2 DPWM0 DPWM1 DPWM2 DPWM3 Duty for mode switching Vref Load Current PCM CBC < CPCC PMBus UART1 UART0 Primary OSC WD RST Memory FAULT Current Sensing I_pri UCD3138A SLUSC66B – MARCH 2015 – REVISED MAY 2015 www.ti.com 7.2 Typical Application This section summarizes the PSFB EVM DC-DC power converter. Figure 7-1. Phase-Shifted Full-Bridge 54 Application, Implementation, and Layout Copyright © 2015, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: UCD3138A |