| 전자부품 데이터시트 검색엔진 |
|
M35047 데이터시트(PDF) 46 Page - Mitsubishi Electric Semiconductor |
|
|
|||||||||||||||||||||||||||||
M35047 데이터시트(HTML) 46 Page - Mitsubishi Electric Semiconductor |
|
46 / 50 page ![]() MITSUBISHI MICROCOMPUTERS M35047-XXXSP/FP SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS 46 Customer’s Parts Number Note: The fonts and size of characters are standard Mitsubishi type. Mitsubishi IC catalog name and Mitsubishi lot number Notes 1 : The mark field should be written right aligned. 2 : The fonts and size of characters are standard Mitsubishi type. 3 : Customer’s Parts Number can be up to 13 characters: Only 0 to 9, A to Z, +, -, /, (, ), &, ©, . (period), and , (comma) are usable. 4 : If the Mitsubishi logo is not required, check the box be- low. Mitsubishi logo is not required 20P4B (20-PIN SDIP) MARK SPECIFICATION FORM Mitsubishi IC catalog name Please choose one of the marking types below (A, B, C), and enter the Mitsubishi IC catalog name and the special mark (if needed). A. Standard Mitsubishi Mark C. Special Mark Required B. Customer’s Parts Number + Mitsubishi IC Catalog Name Mitsubishi IC catalog name Note 1 : If the Special Mark is to be Printed, indicate the desired layout of the mark in the left figure. The layout will be du- plicated as close as possible. Mitsubishi lot number (6-digit, or 7-digit) and Mask ROM number (3-digit) are always marked. 2 : If the customer’s trade mark logo must be used in the Special Mark, check the box below. Please submit a clean original of the logo. For the new special character fonts, a clean font original (ideally logo drawing) must be submitted. Special logo required 20 11 10 1 Mitsubishi lot number (6-digit or 7-digit) 20 11 10 1 Mask ROM number (3-digit) Mitsubishi lot number (6-digit or 7-digit) 20 11 10 1 |