전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

81XXG-AF5-A-R 데이터시트(PDF) 5 Page - Unisonic Technologies

부품명 81XXG-AF5-A-R
상세설명  POWER RESET IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UTC [Unisonic Technologies]
홈페이지  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

81XXG-AF5-A-R 데이터시트(HTML) 5 Page - Unisonic Technologies

  81XXG-AF5-A-R Datasheet HTML 1Page - Unisonic Technologies 81XXG-AF5-A-R Datasheet HTML 2Page - Unisonic Technologies 81XXG-AF5-A-R Datasheet HTML 3Page - Unisonic Technologies 81XXG-AF5-A-R Datasheet HTML 4Page - Unisonic Technologies 81XXG-AF5-A-R Datasheet HTML 5Page - Unisonic Technologies 81XXG-AF5-A-R Datasheet HTML 6Page - Unisonic Technologies 81XXG-AF5-A-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
81XX
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 7
www.unisonic.com.tw
QW-R119-001.T
ELECTRICAL CHARACTERISTICS(Cont.)
PARAMETER
SYMBOL (Note 1)
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Low Level Output Voltage
VOL
1
VCC=VSS MIN -0.05V,
RL=470Ω
0.2
0.4
V
Output Leakage Current
IOH
2
VCC=10V , VOUT=VCC
0.1
µA
Circuit Current at ON Time
ICCL
3
VCC=VSS MIN -0.05V, RL=
3
5
µA
Circuit Current at OFF Time
ICCH
3
VCC=VSS TYP/0.85, RL=
3
5
µA
“H” Transmission Delay Time
TPLH
(Note 2)
4
CL=100pF, RL=4.7kΩ
20
60
µS
“L” Transmission Delay Time
TPHL
(Note 3)
4
CL=100pF, RL=4.7kΩ
20
60
µS
Operating Threshold Voltage
VOPL
1
RL=4.7kΩ, VOL≤0.4V
0.65
0.85
V
Output current at ON Time 1
IOL1
2
RL=0, VCC=Vs MIN -0.05V,
VOUT=0.4V
5
mA
Output current at ON Time 2
IOL2
2
TA=-20~+75C
RL=0, VCC=VSS MIN -0.15V
VOUT=0.4V
3
mA
Notes: 1. MEASUREMENT CIRCUIT
2. TPLH: VCC=(VSS Typ. -0.4V) -> (VSS Typ. +0.4V)
3. TPHL: VCC=(VSS Typ. +0.4V) -> (VSS Typ. -0.4V)



Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com