| 전자부품 데이터시트 검색엔진 |
|
MAX708ESA 데이터시트(PDF) 1 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAX708ESA 데이터시트(HTML) 1 Page - Maxim Integrated Products |
|
1 / 12 page ![]() Low-Cost, µP Supervisory Circuits ________________________________________________________________ Maxim Integrated Products 1 TOP VIEW 1 2 3 4 8 7 6 5 WDO RESET (RESET) WDI PFO PFI GND VCC MR DIP/SO MAX705 MAX706 MAX813L 1 2 3 4 8 7 6 5 RESET RESET N.C. PFO PFI GND VCC MR DIP/SO MAX707 MAX708 ( ) ARE FOR MAX813L ONLY. Pin Configurations continued at end of data sheet. _________________Pin Configurations VCC PFI MR PFO WDO RESET UNREGULATED DC PUSHBUTTON SWITCH PFI I/O LINE INTERRUPT µP MAX705 MAX706 MAX813L MAX667 +5V DC LINEAR REGULATOR VCC RESET NMI __________Typical Operating Circuit Call toll free 1-800-998-8800 for free samples or literature. 19-4334; Rev. 5; 9/95 _______________General Description The MAX705-MAX708/MAX813L microprocessor (µP) supervisory circuits reduce the complexity and number of components required to monitor power-supply and battery functions in µP systems. These devices signifi- cantly improve system reliability and accuracy com- pared to separate ICs or discrete components. The MAX705/MAX706/MAX813L provide four functions: 1) A reset output during power-up, power-down, and brownout conditions. 2) An independent watchdog output that goes low if the watchdog input has not been toggled within 1.6 seconds. 3) A 1.25V threshold detector for power-fail warning, low-battery detection, or for monitoring a power sup- ply other than +5V. 4) An active-low manual-reset input. The MAX707/MAX708 are the same as the MAX705/ MAX706, except an active-high reset is substituted for the watchdog timer. The MAX813L is the same as the MAX705, except RESET is provided instead of RESET. Two supply-voltage monitor levels are available: The MAX705/MAX707/MAX813L generate a reset pulse when the supply voltage drops below 4.65V, while the MAX706/MAX708 generate a reset pulse below 4.40V. All four parts are available in 8-pin DIP, SO and µMAX packages. _______________________Applications Computers Controllers Intelligent Instruments Automotive Systems Critical µP Power Monitoring ___________________________Features o µMAX Package: Smallest 8-Pin SO o Guaranteed RESET Valid at VCC = 1V o Precision Supply-Voltage Monitor 4.65V in MAX705/MAX707/MAX813L 4.40V in MAX706/MAX708 o 200ms Reset Pulse Width o Debounced TTL/CMOS-Compatible Manual-Reset Input o Independent Watchdog Timer—1.6sec Timeout (MAX705/MAX706) o Active-High Reset Output (MAX707/MAX708/MAX813L) o Voltage Monitor for Power-Fail or Low-Battery Warning ______________Ordering Information PART TEMP. RANGE PIN-PACKAGE MAX705CPA 8 Plastic DIP MAX705CSA 0°C to +70°C 8 SO MAX705C/D 0°C to +70°C Dice* Ordering Information continued at end of data sheet. * Dice are specified at TA = +25°C. **Contact factory for availability and processing to MIL-STD-883. 0°C to +70°C MAX705CUA 0°C to +70°C 8 µMAX |
유사한 부품 번호 - MAX708ESA |
|
유사한 설명 - MAX708ESA |