| 전자부품 데이터시트 검색엔진 |
|
UB240G-XX-S08-R 데이터시트(PDF) 8 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UB240G-XX-S08-R 데이터시트(HTML) 8 Page - Unisonic Technologies |
|
8 / 11 page ![]() UB240 Preliminary CMOS IC UNISONICTECHNOLOGIESCO.,LTD 8 of 11 www.unisonic.com.tw QW-R502-Q07.a TYPICAL APPLICATION CIRCUIT(Cont.) (3) Connection Example 3 (for 3-cells) BAT1 BAT2 BAT3 C3 R3 R2 R1 C1 C2 VC1 VC2 VC3 VC4 VSS OUT UTC UB240 Series EB+ EB- FET DP SC PROTECTOR CD CCD RVCC VCC CVCC Constants for External Components 3 SYMBOL MIN TYP MAX UNIT R1 to R3 0 1 k 10 k Ω C1 to C3 0 0.1 1 μF RVCC 0 100 1 k Ω CVCC 0 0.1 1 μF CCD 0 0.1 1 μF Notes: 1. The above constants may be changed without notice. 2. It has not been confirmed whether the operation is normal or not in circuits other than the above example of connection. In addition, the example of connection shown above and the constant do not guarantee proper operation. Perform through evaluation using the actual application to set the constant. |