| 전자부품 데이터시트 검색엔진 |
|
MC4558G-P08-R 데이터시트(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
MC4558G-P08-R 데이터시트(HTML) 1 Page - Unisonic Technologies |
|
1 / 6 page ![]() UNISONIC TECHNOLOGIES CO., LTD MC4558 LINEAR INTEGRATED CIRCUIT www.unisonic.com.tw 1 of 6 Copyright © 2015 Unisonic Technologies Co., Ltd QW-R105-002.J DUAL OPERATIONAL AMPLIFIER DESCRIPTION The UTC MC4558 is a monolithic integrated circuit designed for dual operational amplifier. FEATURES * No frequency compensation required * No latch-up * Large common mode and differential voltage range * Parameter tracking over temperature range * Gain and phase match between amplifiers * Internally frequency compensated * Low noise input transistors TSSOP-8 MSOP-8 DIP-8 SOP-8 SIP-9 ORDERING INFORMATION Ordering Number Package Packing Lead Free Halogen Free MC4558L-D08-T MC4558G-D08-T DIP-8 Tube - MC4558G-G09-T SIP-9 Tube - MC4558G-P08-R TSSOP-8 Tape Reel - MC4558G-S08-R SOP-8 Tape Reel - MC4558G-SM1-R MSOP-8 Tape Reel MARKING DIP-8 SOP-8/MSOP-8 TSSOP-8 SIP-9 |
유사한 부품 번호 - MC4558G-P08-R |
|
유사한 설명 - MC4558G-P08-R |