전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ANT-916-MHW-RPS-S 데이터시트(PDF) 1 Page - List of Unclassifed Manufacturers

부품명 ANT-916-MHW-RPS-S
상세설명  Standard SMA or Part 15 compliant RP-SMA connector
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

ANT-916-MHW-RPS-S 데이터시트(HTML) 1 Page - List of Unclassifed Manufacturers

  ANT-916-MHW-RPS-S Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Antenna Factor 159 Ort Lane Merlin, OR 97532 www.antennafactor.com
541-956-0931 (phone) 541-471-6251 (fax)
Rev 07-22-08
Typical VSWR
MHW Series dipole antennas feature a durable,
unobtrusive housing that sticks permanently with integral
adhesive to flat, non-conductive surfaces such as
windows, drywall, ceiling tiles, plastic, etc. The antennas
are well suited to low-power devices, but are capable of
operation at levels to 10 watts. The MHW is supplied
with either 6.5 feet (2m) or 15 feet (4.6m) of RG-174
cable and attaches via a standard SMA or Part 15
compliant RP-SMA connector. Custom cable lengths and
connectors are available for volume OEM customers.
Features
ANT-916-MHW-xxx-x DATA SHEET
Product Dimensions
Description
Electrical Specifications
Ordering Information
VSWR Graph
• Compact & unobtrusive
• Adhesive for flat surfaces
• Excellent performance
• Omni-directional pattern
• Very low VSWR
• Two flexible shafts
• Rugged & damage-resistant
• Standard SMA or Part 15 compliant RP-SMA connector
• Center Freq. 916MHz
• Bandwidth
136MHz (824MHz to 960MHz)
• Wavelength
1/4-wave
• VSWR
<1.5 typ. at center
• Impedance
50 ohms
• Connector
RP-SMA or SMA
• Cable
78” or 180” RG-174 coax
• ANT-916-MHW-RPS-L (RP-SMA connector, 180” coax)
• ANT-916-MHW-RPS-S (RP-SMA connector, 78” coax)
• ANT-916-MHW-SMA-L (SMA connector, 180” coax)
• ANT-916-MHW-SMA-S (SMA connector, 78” coax)
CENTER 916.000MHz
SPAN 200.000MHz
S11 SWR
1.096
3.86”
(98.0)
0.69”
(17.5)
1.32”
(33.5)
1.27”
(32.3)
0.28”
(7.0)
0.31”
(8.0)
0.35”
(9.0)


유사한 부품 번호 - ANT-916-MHW-RPS-S

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
ANT-916-CHP-x ETC2-ANT-916-CHP-x Datasheet
218Kb / 1P
ULTRA COMPACT CHIP ANTENNA
ANT-916-CN-N ETC2-ANT-916-CN-N Datasheet
108Kb / 1P
other connectors available for volume applications
ANT-916-CW-HD ETC2-ANT-916-CW-HD Datasheet
152Kb / 1P
Part 15 compliant RP-SMA connector
ANT-916-CW-HW ETC2-ANT-916-CW-HW Datasheet
160Kb / 1P
Standard SMA or Part 15 compliant RP-SMA connector
ANT-916-CW-HW-SMA ETC2-ANT-916-CW-HW-SMA Datasheet
160Kb / 1P
Standard SMA or Part 15 compliant RP-SMA connector
More results

유사한 설명 - ANT-916-MHW-RPS-S

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
ANT-2.4-CW-CT-RPS ETC2-ANT-2.4-CW-CT-RPS Datasheet
144Kb / 1P
Standard SMA or Part 15 compliant RP-SMA connector
ANT-418-CW-QW ETC2-ANT-418-CW-QW Datasheet
329Kb / 1P
Standard SMA or Part 15 compliant RP-SMA connector
ANT-418-MHW-RPS-L ETC2-ANT-418-MHW-RPS-L Datasheet
162Kb / 1P
Standard SMA or Part 15 compliant RP-SMA connector
ANT-868-CW-HW ETC2-ANT-868-CW-HW Datasheet
161Kb / 1P
Standard SMA or Part 15 compliant RP-SMA connector
ANT-868-CW-QW ETC2-ANT-868-CW-QW Datasheet
575Kb / 1P
Standard SMA or Part 15 compliant RP-SMA connector
ANT-433-MHW-RPS-L ETC2-ANT-433-MHW-RPS-L Datasheet
163Kb / 1P
Standard SMA or Part 15 compliant RP-SMA connector
ANT-DB1-RAF-RPS ETC2-ANT-DB1-RAF-RPS Datasheet
3Mb / 1P
Standard SMA or Part 15 compliant RP-SMA connector
logo
Linx Technologies
ANT-2.4-CW-CT LINX-ANT-2.4-CW-CT Datasheet
350Kb / 2P
Standard SMA or Part 15 compliant RP-SMA connector
11/22/13
ANT-315-CW-HW LINX-ANT-315-CW-HW Datasheet
321Kb / 2P
Standard SMA or Part 15 compliant RP-SMA connector
11/18/13
ANT-315-CW-HWR-RPS LINX-ANT-315-CW-HWR-RPS Datasheet
404Kb / 2P
Standard SMA or Part 15 compliant RP-SMA connector
8/1/2017
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com