| 전자부품 데이터시트 검색엔진 |
|
MX7828BQ 데이터시트(PDF) 1 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MX7828BQ 데이터시트(HTML) 1 Page - Maxim Integrated Products |
|
1 / 12 page ![]() _______________General Description The MAX154/MAX158 and MX7824/MX7828 are high- speed, multi-channel analog-to-digital converters (ADCs). The MAX154 and MX7824 have four analog input channels, while the MAX158 and MX7828 have eight channels. Conversion time for all devices is 2.5µs. The MAX154/MAX158 also feature a 2.5V on-chip refer- ence, forming a complete high-speed data acquisition system. All four converters include a built-in track/hold, eliminat- ing the need for an external track/hold with many input signals. The analog input range is 0V to +5V, although the ADC operates from a single +5V supply. Microprocessor interfaces are simplified by the ADC’s ability to appear as a memory location or I/O port without the need for external logic. The data outputs use latched, three-state buffer circuitry to allow direct connection to a microprocessor data bus or system input port. The MX7824 and MX7828 are pin compatible with Analog Devices’ AD7824 and AD7828. The MAX154 and MAX158, which feature internal references, are also compatible with these products. ________________________Applications Digital Signal Processing High-Speed Data Acquisition Telecommunications High-Speed Servo Control Audio Instrumentation ____________________________Features o One-Chip Data Acquisition System o Four or Eight Analog Input Channels o 2.5µs per Channel Conversion Time o Internal 2.5V Reference (MAX154/MAX158 only) o Built-In Track/Hold Function o 1/2LSB Error Specification o Single +5V Supply Operation o No External Clock o New Space-Saving SSOP Package ______________Ordering Information CMOS, High-Speed, 8-Bit ADCs with Multiplexer ________________________________________________________________ Maxim Integrated Products 1 24 23 22 21 20 19 18 17 1 2 3 4 5 6 7 8 VDD NC A0 A1 AIN1 AIN2 AIN3 AIN4 TOP VIEW DB7 ( ) ARE FOR MAX154/MAX158 ONLY. DB6 DB5 DB4 DB2 DB1 DB0 TP (REF OUT) 16 15 14 13 9 10 11 12 CS RDY VREF+ VREF- GND INT RD DB3 DIP/SO/SSOP MAX154 MX7824 28 27 26 25 24 23 22 21 1 2 3 4 5 6 7 8 AIN7 AIN8 VDD A0 AIN3 AIN4 AIN5 AIN6 A1 A2 DB7 DB6 DB0 TP (REF OUT) AIN1 AIN2 20 19 18 17 9 10 11 12 DB5 DB4 CS RDY RD DB3 DB2 DB1 DIP/SO/SSOP MAX158 MX7828 16 15 13 14 VREF+ VREF- GND INT __________________________________________________________Pin Configurations Call toll free 1-800-998-8800 for free samples or literature. 19-0255; Rev 2; 4/94 PART MX7824LN MX7824KN MX7824LCWG 0°C to +70°C 0°C to +70°C 0°C to +70°C TEMP. RANGE PIN-PACKAGE 24 Narrow Plastic DIP 24 Narrow Plastic DIP 24 Wide SO MX7824KCWG MX7824LCAG MX7824KCAG 0°C to +70°C 0°C to +70°C 0°C to +70°C 24 Wide SO 24 SSOP 24 SSOP Ordering Information continued on last page. ERROR (LSB) ±1/2 ±1 ±1/2 ±1 ±1/2 ±1 |
유사한 부품 번호 - MX7828BQ |
|
유사한 설명 - MX7828BQ |