| 전자부품 데이터시트 검색엔진 |
|
M35052 데이터시트(PDF) 23 Page - Mitsubishi Electric Semiconductor |
|
|
|||||||||||||||||||||||||||||
M35052 데이터시트(HTML) 23 Page - Mitsubishi Electric Semiconductor |
|
23 / 44 page ![]() MITSUBISHI MICROCOMPUTERS M35052-XXXSP/FP SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS 23 Fig.13 Display monitor (2) Setting addresses Set encode data in EC0 through EC2 of addresses (that correspond to an extent from the first character to the thirteenth character in each line as appearing on the screen.) Set “111” to EC2 through EC0 of all the addresses in which you set no encode data. 0D16 2516 3D16 5516 6D16 8516 9D16 B516 CD16 E516 0E16 2616 3E16 5616 6E16 8616 9E16 B616 CE16 E616 0F16 2716 3F16 5716 6F16 8716 9F16 B716 CF16 E716 1016 2816 4016 5816 7016 8816 A016 B816 D016 E816 1116 2916 4116 5916 7116 8916 A116 B916 D116 E916 1216 2A16 4216 5A16 7216 8A16 A216 BA16 D216 EA16 1316 2B16 4316 5B16 7316 8B16 A316 BB16 D316 EB16 1416 2C16 4416 5C16 7416 8C16 A416 BC16 D416 EC16 1516 2D16 4516 5D16 7516 8D16 A516 BD16 D516 ED16 1616 2E16 4616 5E16 7616 8E16 A616 BE16 D616 EE16 1716 2F16 4716 5F16 7716 8F16 A716 BF16 D716 EF16 0016 1816 3016 4816 6016 7816 9016 A816 C016 D816 0216 1A16 3216 4A16 6216 7A16 9216 AA16 C216 DA16 0316 1B16 3316 4B16 6316 7B16 9316 AB16 C316 DB16 0416 1C16 3416 4C16 6416 7C16 9416 AC16 C416 DC16 0516 1D16 3516 4D16 6516 7D16 9516 AD16 C516 DD16 0616 1E16 3616 4E16 6616 7E16 9616 AE16 C616 DE16 0716 1F16 3716 4F16 6716 7F16 9716 AF16 C716 DF16 0816 2016 3816 5016 6816 8016 9816 B016 C816 E016 0916 2116 3916 5116 6916 8116 9916 B116 C916 E116 0A16 2216 3A16 5216 6A16 8216 9A16 B216 CA16 E216 0B16 2316 3B16 5316 6B16 8316 9B16 B316 CB16 E316 0C16 2416 3C16 5416 6C16 8416 9C16 B416 CC16 E416 0116 1916 3116 4916 6116 7916 9116 A916 C116 D916 Screen line 1 line 2 line 3 line 4 line 5 line 6 line 7 line 8 line 9 line 10 The first character .......................................................... The 13th character ................................................ The 24th character Useless area Start setting data from the first line. Data set in the lines specified by registers EVP0 through EVP3 (address F216) will be encoded. Setting data in the second and subsequent lines, it is possible to set encode data to ten consecutive lines from those secified by registers EVP0 to EVP2. Similarly to encode line N specified by registers EVP0 through EVP2, extending encode lines to line N-1 and to line N+1, it is possible to read encode data more certainly. Using area for encode data setting |