전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

8507G-S20-R 데이터시트(PDF) 4 Page - Unisonic Technologies

부품명 8507G-S20-R
상세설명  4mA COMPANDER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UTC [Unisonic Technologies]
홈페이지  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

8507G-S20-R 데이터시트(HTML) 4 Page - Unisonic Technologies

  8507G-S20-R Datasheet HTML 1Page - Unisonic Technologies 8507G-S20-R Datasheet HTML 2Page - Unisonic Technologies 8507G-S20-R Datasheet HTML 3Page - Unisonic Technologies 8507G-S20-R Datasheet HTML 4Page - Unisonic Technologies 8507G-S20-R Datasheet HTML 5Page - Unisonic Technologies 8507G-S20-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
8507
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R123-006.C
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
10
V
Power Dissipation
DIP-20
1000
mW
SOP-20
410
mW
Operating Temperature
TOPR
-20 ~ +70
C
Storage Temperature
TSTG
-55 ~ +150
C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Vcc=3V,f=1kHz,Ta=25℃,unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DC ELECTRICAL CHARACTERISTICS
Operating Voltage
VCC
2.4
7.0
V
Operating Current
ICC
No signal
4.0
6.5
mA
COMPRESSOR PART
Standard Input Voltage (0dB)
VI (COMP)
VOUT=300mVrms=0dB
8.0
12.5
17.0
mVrms
GV1 (COMP) VIN=-20dB
-0.5
0
+0.5
Gain Difference
GV2 (COMP) VIN=-40dB
-1.0
0
+1.0
dB
Bypath Gain Difference
GVB (COMP) VIN=0dB, BYPATH=GND
-1.5
0
+1.5
dB
Output Distortion
THD COMP
VIN=0dB
0.5
1.0
%
Noise Output Voltage
VNO (COMP)
RG=620Ω
3.0
5.5
mVrms
Mute Attenuation Ratio
ATT MUTE
VIN=0dB, CMUTE=GND
60
80
dB
Limiting Voltage
VLIM (COMP)
1.15
1.35
1.50
Vp-p
EXPANDER PART
Standard Output Level (0dB)
VO (EXP)
VIN=30mVrms=0dB
110
130
160
mVrms
GV1 (EXP)
VIN=-10dB-0.5
-0.5
0
+0.5
GV2 (EXP)
VIN=-20dB
-1.0
0
+1.0
Gain Difference
GV3 (EXP)
VIN=-30dB
-1.5
0
+2.0
dB
Bypath Gain Difference
GvB (EXP)
VIN=0dB, BYPATH=GND
-2.5
0
+0.5
dB
Output Distortion
THD EXP
VIN=0dB
0.5
1.5
%
Noise Output Voltage
VNO (EXP)
RG=620Ω
10.0
30.0
μVrms
Mute Attenuation Ratio
ATT MUTE
VIN=0dB, EMUTE=GND
60
80
dB
Limiting Voltage
VOEXP (MAX)
THD=10%
700
800
mVrms



Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com