전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SPB-4810RLWG 데이터시트(PDF) 1 Page - Optoway Technology Inc

부품명 SPB-4810RLWG
상세설명  10 km Digital DiagnosticMulti-Rate CPRI SMSFP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OPTOWAY [Optoway Technology Inc]
홈페이지  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPB-4810RLWG 데이터시트(HTML) 1 Page - Optoway Technology Inc

  SPB-4810RLWG_15 Datasheet HTML 1Page - Optoway Technology Inc SPB-4810RLWG_15 Datasheet HTML 2Page - Optoway Technology Inc SPB-4810RLWG_15 Datasheet HTML 3Page - Optoway Technology Inc SPB-4810RLWG_15 Datasheet HTML 4Page - Optoway Technology Inc SPB-4810RLWG_15 Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Optoway
SPB-4810RLWG
***********************************************************************************************************************************************************************
**********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
2010/9/1
V2.0
1
SPB-4810RLWG / SPB-4810BRLWG / SPB-4810ARLWG
(RoHS Compliant)
6.144 Gbps / 1270 nm TX / 1330 nm RX / 10 km Digital Diagnostic Multi-Rate CPRI SM SFP+
**********************************************************************************************************************************************************************
FEATURES
l 1-Fiber Bi-Directional SFP Optical Transceiver
l CPRI / OBSAI Compatible Optical Interface
l 1 G to 6.25 G Multi-rate Specification
l Compliant with SFP+ MSA
l SFF-8472 Digital Diagnostic Function
l Simplex LC Connector
l 1270 nm DFB LD Transmitter
l 1330 nm Receiver
l Distance Up to 10 km
l AC/AC Coupling according to MSA
l Single +3.3 V Power Supply
l RoHS Compliant
l 0 to 70oC Operating: SPB-4810RLWG
l -10 to 85oC Operating: SPB-4810BRLWG
l -40 to 85oC Operating: SPB-4810ARLWG
l Class 1 Laser International Safety Standard IEC 60825
Compliant
APPLICATIONS
l Radio Base Station
l OBSAI rates 6.144 Gb/s, 3.072 Gb/s, and 1.563 Gb/s
l CPRI rates 4.9152 Gb/s, 2.4576 Gb/s, and 1.2288 Gb/s
DESCRIPTION
The SPB-4810RLWG is a 1 to 6.25 Gb/s single-mode
transceiver module for serial optical communication
applications for a radio base station system by using 1270
nm transmitter and 1330 nm receiver. It is with the SFP
20-pin connector to allow hot plug capability. Digital
diagnostic functions are available via an I
2C series bus
specified in the SFP MSA SFF-8472.
The transmitter
section uses a multiple quantum well 1270 nm DFB laser
and is a class 1 laser compliant according to International
Safety Standard IEC 60825. The receiver section uses an
integrated 1330 nm detector preamplifier (IDP) mounted in
an optical header and a limiting post-amplifier IC.
LASER SAFETY
This single mode transceiver is a Class 1 laser product. It
complies with IEC 60825 and FDA 21 CFR 1040.10 and
1040.11.
The transceiver must be operated within the
specified temperature and voltage limits. The optical ports of
the module shall be terminated with an optical connector or
with a dust plug.
ORDER INFORMATION
P/No.
Bit Rate
(Gb/s)
Distance
(km)
TX
(nm)
RX
(nm)
Package
Temp
(
oC)
RoHS
Compliant
SPB-4810RLWG
1 to 6.25
10
1270 DFB
1330
LC SFP+ with DMI
0 to 70
Yes
SPB-4810BRLWG
1 to 6.25
10
1270 DFB
1330
LC SFP+ with DMI
-10 to 85
Yes
SPB-4810ARLWG
1 to 6.25
10
1270 DFB
1330
LC SFP+ with DMI
-40 to 85
Yes
Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Units
Notes
Storage Temperature
Tstg
-40
85
oC
Operating Case Temperature
Topr
0
-10
-40
70
85
85
oC
SPB-4810RLWG
SPB-4810BRLWG
SPB-4810ARLWG
Relative Humidity
RH
0
85
%
Non condensing
Power Supply Voltage
Vcc
0
3.6
V
Input Voltage
---
GND
Vcc
V
Output Current
Iout
0
30
mA
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Units / Notes
Power Supply Voltage
Vcc
3.13
3.3
3.47
V
Power Supply Current
ICC (TX+RX)
270
320
mA
Operating Case Temperature
Topr
0
-10
-40
70
85
85
oC / SPB-4810LWG
oC / SPB-4810BLWG
oC / SPB-4810ALWG
Data Rate
1
6.25
Gb/s


유사한 부품 번호 - SPB-4810RLWG_15

제조업체부품명데이터시트상세설명
logo
Optoway Technology Inc
SPB-4810RLWG_2015 OPTOWAY-SPB-4810RLWG_2015 Datasheet
169Kb / 5P
10 km Digital DiagnosticMulti-Rate CPRI SMSFP
More results

유사한 설명 - SPB-4810RLWG_15

제조업체부품명데이터시트상세설명
logo
Optoway Technology Inc
SPB-4810RLWG_2015 OPTOWAY-SPB-4810RLWG_2015 Datasheet
169Kb / 5P
10 km Digital DiagnosticMulti-Rate CPRI SMSFP
SPB-4820RLWG_2015 OPTOWAY-SPB-4820RLWG_2015 Datasheet
169Kb / 5P
20 km Digital DiagnosticMulti-Rate CPRI SMSFP
SPB-4840RLWG_2015 OPTOWAY-SPB-4840RLWG_2015 Datasheet
169Kb / 5P
40 km Digital DiagnosticMulti-Rate CPRI SMSFP
SPB-4910RLWG_2015 OPTOWAY-SPB-4910RLWG_2015 Datasheet
169Kb / 5P
10 km Digital DiagnosticMulti-Rate CPRI SMSFP
SPB-4820RLWG OPTOWAY-SPB-4820RLWG_15 Datasheet
169Kb / 5P
20 km Digital DiagnosticMulti-Rate CPRI SMSFP
SPB-4840RLWG OPTOWAY-SPB-4840RLWG_15 Datasheet
169Kb / 5P
40 km Digital DiagnosticMulti-Rate CPRI SMSFP
SPB-4910RLWG OPTOWAY-SPB-4910RLWG_15 Datasheet
169Kb / 5P
10 km Digital DiagnosticMulti-Rate CPRI SMSFP
SPB-4920RLWG OPTOWAY-SPB-4920RLWG_15 Datasheet
169Kb / 5P
20 km Digital DiagnosticMulti-Rate CPRI SMSFP
SPB-4940RLWG OPTOWAY-SPB-4940RLWG_15 Datasheet
169Kb / 5P
40 km Digital DiagnosticMulti-Rate CPRI SMSFP
SPS-4310RW OPTOWAY-SPS-4310RW_15 Datasheet
165Kb / 5P
10 km Digital DiagnosticMulti-Rate CPRI SM SFP
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com