전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SPB-4910RLWG 데이터시트(PDF) 2 Page - Optoway Technology Inc

부품명 SPB-4910RLWG
상세설명  10 km Digital DiagnosticMulti-Rate CPRI SMSFP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OPTOWAY [Optoway Technology Inc]
홈페이지  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPB-4910RLWG 데이터시트(HTML) 2 Page - Optoway Technology Inc

  SPB-4910RLWG_15 Datasheet HTML 1Page - Optoway Technology Inc SPB-4910RLWG_15 Datasheet HTML 2Page - Optoway Technology Inc SPB-4910RLWG_15 Datasheet HTML 3Page - Optoway Technology Inc SPB-4910RLWG_15 Datasheet HTML 4Page - Optoway Technology Inc SPB-4910RLWG_15 Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Optoway
SPB-4910RLWG
***********************************************************************************************************************************************************************
**********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
2010/9/1
V2.0
2
Transmitter Optical Specifications (0
oC < Topr < 70oC, 3.13V < Vcc < 3.47V)
Parameter
Symbol
Min
Typ
Max
Units
Notes
Average Launch Power
Po, Avg
-5
0
dBm
1
Output Center Wavelength
λc
1320
1340
nm
Output Spectrum Width
σλ
1
nm
-20 dB width
Side Mode Suppression Ratio
SMSR
30
dB
Relative Intensity Noise
RIN
-128
dB/Hz
Average Launch Power of OFF
Transmitter
-30
dBm
1. Output power is power coupled into a 9/125
µm single-mode fiber.
Receiver Optical Specifications (0
oC < Topr < 70oC, 3.13V < Vcc < 3.47V)
Parameter
Symbol
Min
Typ
Max
Units
Notes
Sensitivity
-14
dBm
2, Average Power
Receiver Overload
PMAX
0.5
---
dBm
LOS -- Deasserted
LOSD
---
---
-18
dBm
Transition: low to high
LOS -- Asserted
LOSA
-30
---
---
dBm
Transition: high to low
Wavelength of Operation
λc
1260
1280
nm
3
2. A valid 8B/10Bencoded input is required for receiver sensitivity specification.
3. At least 30 dB optical isolation for the wavelength 1320 to 1340 nm.
Electrical Characteristics
Parameter
Symbol
Min
Typ
Max
Units
Notes
High-Speed Signal (CML) Interface Specification
Input Data Rate
1
6.25
Gb/s
Differential Input Impedance
Rin
100
Ω
Differential Data Input Amplitude
150
1200
mVpp
Internally AC coupled
Output Data Rate
1
6.25
Gb/s
Differential Output Impedance
Rout
100
Ω
Differential Data Output
Amplitude
350
600
700
mVpp
Internally AC coupled
Low-Speed Signal (LVTTL) Interface Specification
Input High Voltage
2.0
Vcc+0.3
V
Input Low Voltage
GND
0.8
V
Output High Voltage
2.4
Vcc
V
Output Low Voltage
GND
0.5
V



Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com