전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MMBT4401 데이터시트(PDF) 3 Page - Micro Commercial Components

부품명 MMBT4401
상세설명  NPN General Purpose Amplifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MCC [Micro Commercial Components]
홈페이지  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MMBT4401 데이터시트(HTML) 3 Page - Micro Commercial Components

  MMBT4401 Datasheet HTML 1Page - Micro Commercial Components MMBT4401 Datasheet HTML 2Page - Micro Commercial Components MMBT4401 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MMBT4401
Maximum Power Dissipation vs
Ambient Temperature
PD(MAX) - (mW)
TA - (
°C)
TO-92
SOT-23
0
200
400
600
800
0
50
100
150
200
Output Capacitance vs
Reverse Bias Voltage
Volts - (V)
pF
0
2
4
6
8
10
0.1
1.0
10
Ccb
f = 1MHz
MCC
www.mccsemi.com



Html Pages

1 2 3