전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

T711034 데이터시트(PDF) 1 Page - E-SWITCH

부품명 T711034
상세설명  ALL DIMENSIONS IN MM [INCH]
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  E-SWITCH [E-SWITCH]
홈페이지  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

T711034 데이터시트(HTML) 1 Page - E-SWITCH

  T711034 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
700SP7B20VS4QE
2:1
6/14/2011
T711034
B
BGL
1
1
P.C. MOUNTING
12
3
3
POS. 1
POS. 2
SWITCH FUNCTION
(ON)
ON
1-3
1-2
(ON)=MOMENTARY
n1.85
[.073 in]
4.70
[.185 in]
1
3
2
CIRCUIT: SPDT
n3.10
[.122 in]
5.12
[.202 in]
6.35
[.250 in]
19.56
[.770 in]
EPOXY SEAL
9.14
[.360 in]
E-SWITCH LOGO ON
OPPOSITE SIDE
6.35
[.250 in]
19.05
[.750 in]
4.70
[.185 in]
6.35
[.250 in]
19.05
[.750 in]
.51
[.020 in]
11.68
[.460 in]
1.27
[.050 in]
1.02
[.040 in]
1.27
[.050 in]
B
20004
DRAWING CLEAN-UP / UPDATE
6/14/11
BGL
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. CONTACT MATERIAL: SILVER
5. RATING: 3A @ 120 VAC OR 28 VDC
1A @ 250 VAC
6. ELECTRIC LIFE: 50,000 MAKE-AND-BREAK CYCLES
AT FULL LOAD
7. INSULATION RESISTANCE: 1,000 MEGA-OHM MIN.
8. ACUATION FORCE: 300 ± 100gf
9. TRAVEL: 1.0 ± 0.2mm
10. CONTACT RESISTANCE: 20 mOHM MAX.
TYPICAL @ 2-4 VDC
11. DIELECTRIC STRENGTH: 1,000 V RMS @ SEA LEVEL.
12. OPERATING TEMP.: -30°C to 85°C
13.
DENOTES CRITICAL PARAMETER.
14. 2002/95/EC (ROHS) COMPLIANT.
.72
[.028 in]
1.02
[.040 in]
KEYWAY
.76
[.030 in]
4.70
[.185 in]


유사한 부품 번호 - T711034

제조업체부품명데이터시트상세설명
logo
E-SWITCH
T711031 E-SWITCH-T711031 Datasheet
179Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T711032 E-SWITCH-T711032 Datasheet
36Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T711033 E-SWITCH-T711033 Datasheet
166Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T711035 E-SWITCH-T711035 Datasheet
182Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T711036 E-SWITCH-T711036 Datasheet
178Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results

유사한 설명 - T711034

제조업체부품명데이터시트상세설명
logo
E-SWITCH
T700103 E-SWITCH-T700103 Datasheet
30Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T800300 E-SWITCH-T800300 Datasheet
66Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T800501 E-SWITCH-T800501 Datasheet
41Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T811002 E-SWITCH-T811002 Datasheet
76Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0106P E-SWITCH-XR0106P Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0108P E-SWITCH-XR0108P Datasheet
33Kb / 1P
ALL DIMENSIONS IN MM[INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B401006 E-SWITCH-B401006 Datasheet
203Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com