| 전자부품 데이터시트 검색엔진 |
|
DM385 데이터시트(PDF) 49 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
DM385 데이터시트(HTML) 49 Page - Texas Instruments |
|
49 / 281 page ![]() DM385, DM388 www.ti.com SPRS821D – MARCH 2013 – REVISED DECEMBER 2013 Table 3-11. Ball Characteristics (AAR Package) (continued) BALL PINCNTL PINCNTL BALL MODE RESET BUFFER BALL NUMBER [1] BALL NAME [2] SIGNAL NAME [3] REGISTER NAME DEFAULT TYPE [7] DSIS [8] RESET POWER [11] HYS [12] [6] REL. TYPE [13] AND ADDRESS[4] VALUE[5] STATE [9] STATE [10] AD2 SD2_DAT[4] SD2_DAT[4] PINCNTL116 / 0x0006 0000 0x01 I/O PIN H H DVDD_RGMII 0x4814 09CC GPMC_A[27] 0x02 O PIN GPMC_A[23] 0x04 O PIN GPMC_CS[7] 0x08 O PIN EDMA_EVT0 0x20 I PIN TIM7_IO 0x40 I/O PIN GP1[22] 0x80 I/O PIN AE1 SD2_DAT[5] SD2_DAT[5] PINCNTL115 / 0x0006 0000 0x01 I/O PIN H H DVDD_RGMII 0x4814 09C8 GPMC_A[26] 0x02 O PIN GPMC_A[22] 0x04 O PIN TIM6_IO 0x40 I/O PIN GP1[21] 0x80 I/O PIN AE2 SD2_DAT[6] SD2_DAT[6] PINCNTL114 / 0x0006 0000 0x01 I/O PIN H H DVDD_RGMII 0x4814 09C4 GPMC_A[25] 0x02 O PIN GPMC_A[21] 0x04 O PIN UART2_TXD 0x20 O PIN GP1[20] 0x80 I/O PIN AE3 SD2_DAT[7] SD2_DAT[7] PINCNTL113 / 0x0006 0000 0x01 I/O PIN H H DVDD_RGMII 0x4814 09C0 GPMC_A[24] 0x02 O PIN GPMC_A[20] 0x04 O PIN UART2_RXD 0x20 I 1 GP1[19] 0x80 I/O PIN AC5 SD2_DAT[1]_SDIRQ SD2_DAT[1]_SDIRQ PINCNTL119 / 0x0006 0000 0x01 I/O PIN H H DVDD_RGMII 0x4814 09D8 GPMC_A[3] 0x02 O PIN GP1[13] 0x80 I/O PIN AC8 SD2_DAT[2]_SDRW SD2_DAT[2]_SDRW PINCNTL118 / 0x0006 0000 0x01 I/O PIN H H DVDD_RGMII 0x4814 09D4 GPMC_A[2] 0x02 O PIN GP2[6] 0x80 I/O PIN AC6 SD2_SCLK SD2_SCLK PINCNTL121 / 0x0006 0000 0x01 I/O 1 H H DVDD_RGMII 0x4814 09E0 GP1[15] 0x80 I/O PIN H31 SERDES_CLKN SERDES_CLKN NA / NA 0x01 I NA NA NA VDDA_SATA0_1P8 NA H30 SERDES_CLKP SERDES_CLKP NA / NA 0x01 I NA NA NA VDDA_SATA0_1P8 NA J28 SPI[0]_D[0] SPI[0]_D[0] PINCNTL84 / 0x0006 0000 0x01 I/O PIN H H DVDD 0x4814 094C J27 SPI[0]_D[1] SPI[0]_D[1] PINCNTL83 / 0x0006 0000 0x01 I/O PIN H H DVDD 0x4814 0948 N24 SPI[0]_SCLK SPI[0]_SCLK PINCNTL82 / 0x0006 0000 0x01 I/O PIN H H DVDD 0x4814 0944 Copyright © 2013, Texas Instruments Incorporated Device Pins 49 Submit Documentation Feedback Product Folder Links: DM385 DM388 |