전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

P4SMAJ13 데이터시트(PDF) 4 Page - Micro Commercial Components

부품명 P4SMAJ13
상세설명  400 Watt Transient Voltage Suppressors 5.0 to 170 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MCC [Micro Commercial Components]
홈페이지  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

P4SMAJ13 데이터시트(HTML) 4 Page - Micro Commercial Components

  P4SMAJ13 Datasheet HTML 1Page - Micro Commercial Components P4SMAJ13 Datasheet HTML 2Page - Micro Commercial Components P4SMAJ13 Datasheet HTML 3Page - Micro Commercial Components P4SMAJ13 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ELECTRICAL CHARACTERISTICS @25°C
MCC
PART NUMBER
REVERSE
STAND-OFF
VOLTAGE
VWM
BREAKDOWN VOLTAGE
V(BR) @ IT
(VOLTS)
MAXIMUM
CLAMPING
VOLTAGE @
IPP
PEAK PULSE
CURRENT
IPP
MAXIMUM
REVERSE
LEAKAGE
@VWM
ID
MARKING
CODE
(VOLTS)
MIN
MAX
IT (mA)
(VOLTS)
(AMPS)
(
µA)
P4SMAJ22
22
24.4
29.8
1
39.4
10.1
5
IW
P4SMAJ22A
22
24.4
26.9
1
35.5
11.2
5
IX
P4SMAJ24
24
26.7
32.6
1
43.0
9.3
5
IY
P4SMAJ24A
24
26.7
29.5
1
38.9
10.3
5
IZ
P4SMAJ26
26
28.9
35.3
1
46.6
8.6
5
JD
P4SMAJ26A
26
28.9
31.9
1
42.1
9.5
5
JE
P4SMAJ28
28
31.1
38.0
1
50.0
8.0
5
JF
P4SMAJ28A
28
31.1
34.4
1
45.4
8.8
5
JG
P4SMAJ30
30
33.3
40.7
1
53.5
7.5
5
JH
P4SMAJ30A
30
33.3
36.8
1
48.4
8.3
5
JK
P4SMAJ33
33
36.7
44.9
1
59.0
6.8
5
JL
P4SMAJ33A
33
36.7
40.6
1
53.3
7.5
5
JM
P4SMAJ36
36
40.0
48.9
1
64.3
6.2
5
JN
P4SMAJ36A
36
40.0
44.2
1
58.1
6.9
5
JP
P4SMAJ40
40
44.4
54.3
1
71.4
5.6
5
JQ
P4SMAJ40A
40
44.4
49.1
1
64.5
6.2
5
JR
P4SMAJ43
43
47.8
58.4
1
76.7
5.2
5
JS
P4SMAJ43A
43
47.8
52.8
1
69.4
5.7
5
JT
P4SMAJ45
45
50.0
61.1
1
80.3
5.0
5
JU
P4SMAJ45A
45
50.0
55.3
1
72.7
5.5
5
JV
P4SMAJ48
48
53.3
65.1
1
85.5
4.7
5
JW
P4SMAJ48A
48
53.3
58.9
1
77.4
5.2
5
JX
P4SMAJ51
51
56.7
69.3
1
91.1
4.4
5
JY
P4SMAJ51A
51
56.7
62.7
1
82.4
4.9
5
JZ
P4SMAJ54
54
60.0
73.3
1
96.3
4.2
5
RD
P4SMAJ54A
54
60.0
66.3
1
87.1
4.6
5
RE
P4SMAJ58
58
64.4
78.7
1
103
3.9
5
RF
P4SMAJ58A
58
64.4
71.2
1
93.6
4.3
5
RG
P4SMAJ60
60
66.7
81.5
1
107
3.7
5
RH
P4SMAJ60A
60
66.7
73.7
1
96.8
4.1
5
RK
P4SMAJ64
64
71.1
86.9
1
114
3.5
5
RL
P4SMAJ64A
64
71.1
78.6
1
103
3.9
5
RM
P4SMAJ70
70
77.8
95.1
1
125
3.2
5
RN
P4SMAJ70A
70
77.8
86.0
1
113
3.5
5
RP
P4SMAJ75
75
83.3
102
1
134
3.0
5
RQ
P4SMAJ75A
75
83.3
92.1
1
121
3.3
5
RR
P4SMAJ78
78
86.7
106
1
139
2.9
5
RS
P4SMAJ78A
78
86.7
95.8
1
126
2.2
5
RT
P4SMAJ85
85
94.4
115
1
151
2.6
5
RU
P4SMAJ85A
85
94.4
104
1
137
2.9
5
RV
P4SMAJ90
90
100
122
1
160
2.5
5
RW
P4SMAJ90A
90
100
111
1
146
2.7
5
RX
P4SMAJ100
100
111
136
1
179
2.2
5
RY
P4SMAJ100A
100
111
123
1
162
2.5
5
RZ
P4SMAJ110
110
122
149
1
196
2.0
5
SD
P4SMAJ110A
110
122
135
1
177
2.3
5
SE
P4SMAJ120
120
133
163
1
214
1.9
5
SF
P4SMAJ120A
120
133
147
1
193
2.0
5
SG
P4SMAJ130
130
144
176
1
231
1.7
5
SH
P4SMAJ130A
130
144
159
1
209
1.9
5
SK
P4SMAJ150
150
167
204
1
268
1.5
5
SL
P4SMAJ150A
150
167
185
1
243
1.6
5
SM
P4SMAJ5.0 thru P4SMAJ170CA
P4SMAJ170
1
70
1
89
2
31
1
304
1.3
5
SQ
P4SMAJ160
1
60
1
78
2
18
1
2
87
1.4
5
SN
P4SMAJ160A
1
60
1
78
1
97
1
2
59
1.5
5
SP
P4SMAJ170A
1
70
1
89
209
1
2
75
1.4
5
SR
www.mccsemi.com
MCC



Html Pages

1 2 3 4