| 전자부품 데이터시트 검색엔진 |
|
SMBG5342B 데이터시트(PDF) 4 Page - Micro Commercial Components |
|
|
|||||||||||||||||||||||||||||
SMBG5342B 데이터시트(HTML) 4 Page - Micro Commercial Components |
|
4 / 4 page ![]() Note 1 Devices listed have a ± 5% tolerance on nominal V Z. The suffix A denotes a ± 20% tolerance, suffix C denotes ± 2%, and suffix D denotes ± 1%. Note 2 Nominal Zener Voltage (V Z) is read with the device in standard test clips with 3/8 to ½ inch spacing between clip and case of the diode. Before reading, the diode is allowed so stabilize for a period of 40 ± 10 milliseconds at 25 °C (+8, -2°C). Note 3 The Zener impedance (Z ZT or ZZK is derived from the 60 HZ ac voltage, which results when an ac current having a rms value equal to 10% of the dc zener current (I ZT or IZK) is superimposed on I ZT or IZK respectively. Dynamic impedance variations with other current values are described in Micronote 202. Note 4 The Maximum Reverse (leakage) Current is specified for devices with ± 20% and ± 10% voltage tolerances on nominal VZ in another column. Note 5 The Maximum Zener Current (I ZM) shown is for ± 5% tolerance devices. I ZM for ± 10% and ± 20% devices can be calculated using the formula: IZM = P V ZM Where “VZM” is VZ at the high end of the voltage tolerance specified and “P” is the rated power of the device. Note 6 The Surge Current (I ZM) is specified as the maximum peak of a nonrecurring sine wave of 8.3 milliseconds duration. Note 7 Voltage Regulation ( ∆VZ) is the difference between the voltage measured at 10% and 50% I ZM). SMB(G or J)5333B thru SMB(G or J)5388B 1 5344B 5350B 5335B 5338B 5342B 5357B 5365B 5378B 5388B S www.mccsemi.com MCC |