전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL9301 데이터시트(PDF) 3 Page - Intersil Corporation

부품명 ISL9301
상세설명  High Input Voltage Charger With Power Path Management
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9301 데이터시트(HTML) 3 Page - Intersil Corporation

  ISL9301 Datasheet HTML 1Page - Intersil Corporation ISL9301 Datasheet HTML 2Page - Intersil Corporation ISL9301 Datasheet HTML 3Page - Intersil Corporation ISL9301 Datasheet HTML 4Page - Intersil Corporation ISL9301 Datasheet HTML 5Page - Intersil Corporation ISL9301 Datasheet HTML 6Page - Intersil Corporation ISL9301 Datasheet HTML 7Page - Intersil Corporation ISL9301 Datasheet HTML 8Page - Intersil Corporation ISL9301 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
FN6435.3
September 21, 2011
Trickle Charge Current
ITRK
RIREF = 26.7kΩ, VBAT = 2.4V
17
23
30
mA
End-of-Charge Current
IMIN
RIMIN = 137kΩ
18
23
28
mA
PRECONDITIONING CHARGE THRESHOLD
Preconditioning Charge Threshold
Voltage
VMIN
2.7
2.8
3.0
V
Preconditioning Voltage Hysteresis
VMINHYS
40
100
150
mV
INTERNAL TEMPERATURE MONITORING (Note 8)
Charger Current Thermal Foldback
Threshold
TFOLD
-115
-
°C
OVER-TEMPERATURE PROTECTION (Note 8)
Shutdown Rising Threshold
TR
-142
-
°C
Shutdown Falling Threshold
TF
-110
-
°C
OSCILLATOR PERIOD
Oscillator Period
tOSC
RTIME = 1MΩ
60
75
90
µs
LOGIC INPUT AND OUTPUTS
BATON Pin Logic Input High
VBAT < 4.5V
1.1
-
-
V
BATON Pin Logic Input Low
VBAT > 2V
-
-
0.4
V
BAT Pin Internal Pull-Down
Resistance
800
1000
1200
k
Ω
PPR, CHG
Driving Capability when LOW
Pin Voltage = 1V
10
-
-
mA
Leakage Current When HIGH
Pin Voltage = 6.5V
-
-
1
µA
NOTES:
6. The 4.0V VBAT is selected so that the CHG output can be used as the indication for the offset comparator output indication. If the VBAT is lower
than the POR threshold, no output pin can be used for indication.
7. The input current charge current can be affected by the thermal foldback function if the IC under the test setup cannot dissipate the heat.
8. Limits established by characterization and are not production tested.
Electrical Specifications
Typical values are tested at VIN = 5V and the ambient temperature at +25°C. Range. VSUPPLY = ±5V, AV = +1,
RL = 100Ω; Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified.
Temperature limits established by characterization and are not production tested. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ISL9301



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com