| 전자부품 데이터시트 검색엔진 |
|
M35061 데이터시트(PDF) 37 Page - Mitsubishi Electric Semiconductor |
|
|
|||||||||||||||||||||||||||||
M35061 데이터시트(HTML) 37 Page - Mitsubishi Electric Semiconductor |
|
37 / 41 page ![]() MITSUBISHI MICROCOMPUTERS M35061-XXXSP/FP SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS 37 32P2W (32-PIN SOP) MARK SPECIFICATION FORM Mitsubishi IC catalog name Please choose one of the marking types below (A, B, C), and enter the Mitsubishi catalog name and the special mark (if needed). A. Standard Mitsubishi Mark B. Customer’s Parts Number + Mitsubishi catalog name Mitsubishi IC catalog name Mitsubishi IC catalog name Customer’s Parts Number Note : The fonts and size of characters are standard Mitsubishi type. Mitsubishi IC catalog name Note1 : The mark field should be written right aligned. 2 : The fonts and size of characters are standard Mitsubishi type. 3 : Customer’s Parts Number can be up to 13 char- acters : Only 0 ~ 9, A ~ Z, +, –, /, (, ), &, ©, . (periods),, (commas) are usable. 4 : If the Mitsubishi logo is not required, check the box below. Mitsubishi logo is not required Mitsubishi lot number (6-digit or 7-digit) 16 1 17 32 Mitsubishi lot number (6-digit or 7-digit) 16 1 17 32 16 1 17 32 C. Special Mark Required Note1 : If the Special Mark is to be printed, indicate the desired layout of the mark in the left figure.The layout will be duplicated as close as possible. Mitsubishi lot number (6-digit, or 7-digit) and Mask ROM number (3-digit) are always masked. 2 : If the customer's trade mark logo must be used in the Special Mark, check the box below. Please submit a clean original of the logo. For the new special character fonts a clean font original (ideally log drawing) must be submitted. Speciai logo required 3 : The standard Mithubishi font is userd for all chacters exeept for a logo. |