전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M35062 데이터시트(PDF) 18 Page - Mitsubishi Electric Semiconductor

부품명 M35062
상세설명  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS??????
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MITSUBISHI [Mitsubishi Electric Semiconductor]
홈페이지  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M35062 데이터시트(HTML) 18 Page - Mitsubishi Electric Semiconductor

Back Button M35062 Datasheet HTML 14Page - Mitsubishi Electric Semiconductor M35062 Datasheet HTML 15Page - Mitsubishi Electric Semiconductor M35062 Datasheet HTML 16Page - Mitsubishi Electric Semiconductor M35062 Datasheet HTML 17Page - Mitsubishi Electric Semiconductor M35062 Datasheet HTML 18Page - Mitsubishi Electric Semiconductor M35062 Datasheet HTML 19Page - Mitsubishi Electric Semiconductor M35062 Datasheet HTML 20Page - Mitsubishi Electric Semiconductor M35062 Datasheet HTML 21Page - Mitsubishi Electric Semiconductor M35062 Datasheet HTML 22Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
18
MITSUBISHI MICROCOMPUTERS
M35062-XXXSP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
For matrix and halftone, a character’s number of dots in the horizontal direction increases to 14.
Figure 4 shows a display example for a case where adjacent characters have different background colors and for character code FF16.
Fig. 4 Number of dots in the horizontal direction at matrix-outline or halftone
2. Border mode
In border mode, characters are displayed with borders. (Refer to
Table 7.) In matrix and halftone modes also, characters are displayed
with borders if the BLK register (address 2B016) is set to 1.
Table 8 lists the types of borders.
Table 8
Bordering
00
1dot in horizontal
direction
2 dots in horizontal
direction
3 dots in horizontal
direction
4 dots in horizontal
direction
1 dot in horizontal
direction
2 dots in horizontal
direction
3 dots in horizontal
direction
4 dots in horizontal
direction
The zero ¤
dot
SRAND2
(Address 2AF16)
SRAND1, 0
01
10
11
0
1
Horizontal direction bordering is only 1 dot. When the character extends to the top line of the matrix, no border is left at the top, and when the
character extends to the bottom (12th) line of the matrix, no border is left at the bottom.
13 dots
12 dots
13 dots
11 dots
14 dots
11 dots
11 dots
Character code FF16
40 characters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44