전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SPS-4170RWG 데이터시트(PDF) 1 Page - Optoway Technology Inc

부품명 SPS-4170RWG
상세설명  70 km Digital Diagnostic Multi-Rate CPRI SMSFP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OPTOWAY [Optoway Technology Inc]
홈페이지  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPS-4170RWG 데이터시트(HTML) 1 Page - Optoway Technology Inc

  SPS-4170RWG_15 Datasheet HTML 1Page - Optoway Technology Inc SPS-4170RWG_15 Datasheet HTML 2Page - Optoway Technology Inc SPS-4170RWG_15 Datasheet HTML 3Page - Optoway Technology Inc SPS-4170RWG_15 Datasheet HTML 4Page - Optoway Technology Inc SPS-4170RWG_15 Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Optoway
SPS-4170RWG
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
2010/9/1 V2.0
1
SPS-4170RWG / SPS-4170BRWG / SPS-4170ARWG
(RoHS Compliant)
6.144 Gbps / 1310 nm / 70 km Digital Diagnostic Multi-Rate CPRI SM SFP+
***********************************************************************************************************************************************************************
FEATURES
l CPRI / OBSAI Compatible Optical Interface
l 1 G to 6.25 G Multi-rate Specification
l Compliant to SFP+ MSA
l Link Distance up to 70 km SMF
l SFF-8472 Digital Diagnostic Function
l AC/AC Coupling according to MSA
l Single +3.3 V Power Supply
l RoHS 6/6 Compliant
l 0 to 70oC Operating: SPS-4170RWG
l -10 to 85oC Operating: SPS-4170BRWG
l -40 to 85oC Operating: SPS-4170ARWG
l Class 1 Laser International Safety Standard IEC 60825
Compliant
APPLICATIONS
l Radio Base Station
l OBSAI rates 6.144 Gb/s, 3.072 Gb/s, and 1.563 Gb/s
l CPRI rates 4.9152 Gb/s, 2.4576 Gb/s, and 1.2288 Gb/s
DESCRIPTION
The SPS-4170RWG series is a 1 to 6.25 Gb/s single-mode
transceiver module for serial optical communication
applications for a radio base station system. It is with the
SFP+ 20-pin connector to allow hot plug capability. Digital
diagnostic functions are available via an I
2C. This module is
designed for single mode fiber and operates at a nominal
wavelength of 1310 nm. The transmitter section uses a
1310 nm multiple quantum well DFB laser and is a class 1
laser compliant according to International Safety Standard
IEC-60825. The receiver section uses an integrated InGaAs
detector preamplifier (IDP) mounted in an optical header
and a limiting post-amplifier IC.
LASER SAFETY
This single mode transceiver is a Class 1 laser product. It
complies with IEC-60825 and FDA 21 CFR 1040.10 and
1040.11.
The transceiver must be operated within the
specified temperature and voltage limits. The optical ports
of the module shall be terminated with an optical connector
or with a dust plug.
ORDER INFORMATION
P/No.
Bit Rate
(Gb/s)
Distance
(km)
Wavelength (nm)
Package
Temp.
(
oC)
RoHS
Compliant
SPS-4170RWG
1 to 6.25
70
1310 DFB
SFP+ with DMI
0 to 70
Yes
SPS-4170BRWG
1 to 6.25
70
1310 DFB
SFP+ with DMI
-10 to 85
Yes
SPS-4170ARWG
1 to 6.25
70
1310 DFB
SFP+ with DMI
-40 to 85
Yes
Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Units
Notes
Storage Temperature
Tstg
-40
85
oC
Operating Case Temperature
Topr
0
-10
-40
70
85
85
oC
SPS-4170RWG
SPS-4170BRWG
SPS-4170ARWG
Operating Relative Humidity
RH
5
95
%
Non condensing
Power Supply Voltage
Vcc
-0.5
3.6
V
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Units / Notes
Power Supply Voltage
Vcc
3.13
3.3
3.47
V
Operating Case Temperature
Topr
0
-10
-40
70
85
85
oC / SPS-4170RWG
oC / SPS-4170BRWG
oC / SPS-4170ARWG
Power Supply Current
ICC (TX+RX)
250
300
mA
Data Rate
1
6.25
Gb/s


유사한 부품 번호 - SPS-4170RWG_15

제조업체부품명데이터시트상세설명
logo
Optoway Technology Inc
SPS-4170RWG_2015 OPTOWAY-SPS-4170RWG_2015 Datasheet
167Kb / 5P
70 km Digital Diagnostic Multi-Rate CPRI SMSFP
More results

유사한 설명 - SPS-4170RWG_15

제조업체부품명데이터시트상세설명
logo
Optoway Technology Inc
SPS-4170RWG OPTOWAY-SPS-4170RWG Datasheet
167Kb / 5P
6.144 Gbps / 1310 nm / 70 km Digital Diagnostic Multi-Rate CPRI SMSFP
SPS-4110RWG_2015 OPTOWAY-SPS-4110RWG_2015 Datasheet
167Kb / 5P
10 km Digital Diagnostic Multi-Rate CPRI SMSFP
SPS-4120RWG_2015 OPTOWAY-SPS-4120RWG_2015 Datasheet
167Kb / 5P
20 km Digital Diagnostic Multi-Rate CPRI SMSFP
SPS-4140RWG_2015 OPTOWAY-SPS-4140RWG_2015 Datasheet
167Kb / 5P
40 km Digital Diagnostic Multi-Rate CPRI SMSFP
SPS-4170RWG_2015 OPTOWAY-SPS-4170RWG_2015 Datasheet
167Kb / 5P
70 km Digital Diagnostic Multi-Rate CPRI SMSFP
SPS-4340RW_2015 OPTOWAY-SPS-4340RW_2015 Datasheet
165Kb / 5P
40 km Digital Diagnostic Multi-Rate CPRI SMSFP
SPS-4110RWG OPTOWAY-SPS-4110RWG_15 Datasheet
167Kb / 5P
10 km Digital Diagnostic Multi-Rate CPRI SMSFP
SPS-4120RWG OPTOWAY-SPS-4120RWG_15 Datasheet
167Kb / 5P
20 km Digital Diagnostic Multi-Rate CPRI SMSFP
SPS-4140RWG OPTOWAY-SPS-4140RWG_15 Datasheet
167Kb / 5P
40 km Digital Diagnostic Multi-Rate CPRI SMSFP
SPS-4340RW OPTOWAY-SPS-4340RW_15 Datasheet
165Kb / 5P
40 km Digital Diagnostic Multi-Rate CPRI SMSFP
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com