| 전자부품 데이터시트 검색엔진 |
|
ISL97635IRZ 데이터시트(PDF) 10 Page - Intersil Corporation |
|
|
|||||||||||||||||||||||||||||
ISL97635IRZ 데이터시트(HTML) 10 Page - Intersil Corporation |
|
10 / 28 page ![]() 10 FN6434.2 December 22, 2008 Pinout ISL97635 (24 LD QFN) TOP VIEW SMBCLK SMBDAT FPWM PWMO GND PWMI/EN PGND PGND OVP IIN0 IIN1 IIN2 1 2 3 4 5 6 18 17 16 15 14 13 24 23 22 21 20 19 78 9 10 11 12 Pin Descriptions (I = Input, O = Output, S = Supply) PIN NAME TYPE DESCRIPTION 1 SMBCLK I SMBus serial clock input 2 SMBDAT I/O SMBus serial data input and output 3 FPWM I Connect a capacitor between FPWM and GND to set the DPWM frequency. FPWM = 5.4µ/CFPWM If SMBus PWM or DPST mode is used, connect CFPWM to GND to set the dimming frequency. Also, connect CPWMO between VPWMO and GND pins for DPST operation. If DC-to-PWM mode is used, connect CFPWM to set the dimming frequency and apply a 0.21V to 1.21V at VPWMO. 4 PWMO I/O PWMI buffered output. If one connects a capacitor between PWMO and GND, it forms a low pass filter with an internal 40k Ω resistor, which filters the PWMI signal for DPST operation when Reg 0x01 = 0x01. If one applies a 0.2V to 1.2V DC input voltage, the output will be PWM with duty cycle proportional to the DC input. 5 GND S Analog GND and LED power return 6 PWMI/EN I Dual Functions: Enable pin and PWM brightness control pin or DPST control input. DO NOT let PWMI/EN floating. The device needs 4ms for initial power-up Enable, then this pin can be applied with a PWM signal with off-time no longer than 28ms. 7 IIN7 I Input 7 to current source, FB, and monitoring 8 IIN6 I Input 6 to current source, FB, and monitoring 9 IIN5 I Input 5 to current source, FB, and monitoring 10 IIN4 I Input 4 to current source, FB, and monitoring 11 RSET I Resistor connection for setting LED current, (see Equation 1 for calculating the ILEDmax) 12 IIN3 I Input 3 to current source, FB, and monitoring 13 IIN2 I Input 2 to current source, FB, and monitoring 14 IIN1 I Input 1 to current source, FB, and monitoring 15 IIN0 I Input 0 to current source, FB, and monitoring 16 OVP I Overvoltage protection input 17, 18 PGND S Power ground (LX Power return) 19, 20 LX I Input to boost switch 21 FAULT O Fault disconnect switch ISL97635 |
|
|
링크 URL |
| ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크 투 데이터시트 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |