| 전자부품 데이터시트 검색엔진 |
|
X9268TS24Z 데이터시트(PDF) 2 Page - Intersil Corporation |
|
|
|||||||||||||||||||||||||||||
X9268TS24Z 데이터시트(HTML) 2 Page - Intersil Corporation |
|
2 / 22 page ![]() 2 FN8172.4 August 29, 2006 Ordering Information PART NUMBER PART MARKING VCC LIMITS (V) POTENTIOMETER ORGANIZATION (k Ω) TEMP. RANGE (°C) PACKAGE PKG. DWG. # X9268TS24 X9268TS 5 ±10% 100 0 to +70 24 Ld SOIC (300mil) M24.3 X9268TS24Z (Note) X9268TS Z 0 to +70 24 Ld SOIC (300mil) (Pb-free) M24.3 X9268TS24I X9268TS I -40 to +85 24 Ld SOIC (300mil) M24.3 X9268TS24IZ (Note) X9268TS ZI -40 to +85 24 Ld SOIC (300mil) (Pb-free) M24.3 X9268US24 X9268US 50 0 to +70 24 Ld SOIC (300mil) M24.3 X9268US24Z (Note) X9268US Z 0 to +70 24 Ld SOIC (300mil) (Pb-free) M24.3 X9268US24I X9268US I -40 to +85 24 Ld SOIC (300mil) M24.3 X9268US24IZ (Note) X9268US ZI -40 to +85 24 Ld SOIC (300mil) (Pb-free) M24.3 X9268TS24I-2.7 X9268TS G 2.7 to 5.5 100 -40 to +85 24 Ld SOIC (300mil) M24.3 X9268TS24IZ-2.7 (Note) X9268TS ZG -40 to +85 24 Ld SOIC (300mil) (Pb-Free) M24.3 *Add "T1" suffix for tape and reel. NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020. X9268 |