전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SY10E158 데이터시트(PDF) 2 Page - Micrel Semiconductor

부품명 SY10E158
상세설명  5-BIT 2:1 MULTIPLEXER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICREL [Micrel Semiconductor]
홈페이지  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10E158 데이터시트(HTML) 2 Page - Micrel Semiconductor

  SY10E158 Datasheet HTML 1Page - Micrel Semiconductor SY10E158 Datasheet HTML 2Page - Micrel Semiconductor SY10E158 Datasheet HTML 3Page - Micrel Semiconductor SY10E158 Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
SY10E158
SY100E158
Micrel
VEE = VEE (Min.) to VEE (Max.); VCC = VCCO = GND
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ. Max. Min.
Typ.
Max. Min.
Typ.
Max.
Unit
Condition
tPLH
Propagation Delay to Output
ps
—
tPHL
D
225
385
550
225
385
550
225
385
550
SEL
400
600
775
400
600
775
400
600
775
tskew
Within-Device Skew
—
60
——
60
——
60
—
ps
1
tr
Rise/Fall Time
275
425
650
275
425
650
275
425
650
ps
—
tf
20% to 80%
NOTE:
1. Within-device skew is defined as identical transitions on similar paths through a device.
TRUTH TABLE
DC ELECTRICAL CHARACTERISTICS
SEL
Data
Ha
Lb
VEE = VEE (Min.) to VEE (Max.); VCC = VCCO = GND
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ. Max. Min.
Typ.
Max. Min.
Typ.
Max.
Unit
Condition
IIH
Input HIGH Current
µA
—
D
——
200
——
200
——
200
SEL
——
150
——
150
——
150
IEE
Power Supply Current
mA
—
10E
—
33
40
—
33
40
—
33
40
100E
—
33
40
—
33
40
—
38
46
AC ELECTRICAL CHARACTERISTICS
PRODUCT ORDERING CODE
Ordering
Package
Operating
Code
Type
Range
SY10E158JC
J28-1
Commercial
SY10E158JCTR
J28-1
Commercial
SY100E158JC
J28-1
Commercial
SY100E158JCTR
J28-1
Commercial



Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com