| 전자부품 데이터시트 검색엔진 |
|
UB2KG-AL6-R 데이터시트(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UB2KG-AL6-R 데이터시트(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD UB2K DUAL TRANSISTOR www.unisonic.com.tw 1 of 3 Copyright © 2015 Unisonic Technologies Co., Ltd QW-R218-006.B GENERAL PURPOSE (DUAL DIGITAL RANSISTORS) DESCRIPTION As a dual digital transistor the UTC UB2K is epitaxial planar type PNP silicon transistor (built in resistor type). FEATURES * Two DTA144E chips in a SOT-363 package. * Transistor elements are independent, eliminating interference. SYMBOL ORDERING INFORMATION Ordering Number Package Pin Assignment Packing 1 2 3 4 5 6 UB2KG-AL6-R SOT-363 E1 B1 C2 E2 B2 C1 Tape Reel Note: Pin Assignment: B: Base C: Collector E: Emitter UB2KG-AL6-R (1)Packing Type (2)Package Type (3)Green Package (1) R: Tape Reel (2) AL6: SOT-363 (3) G: Halogen Free and Lead Free MARKING UB2KG 1 |
유사한 부품 번호 - UB2KG-AL6-R |
|
유사한 설명 - UB2KG-AL6-R |