| 전자부품 데이터시트 검색엔진 |
|
UD3HL-AG6-R 데이터시트(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UD3HL-AG6-R 데이터시트(HTML) 1 Page - Unisonic Technologies |
|
1 / 2 page ![]() UNISONIC TECHNOLOGIES CO., LTD UD3H Preliminary DUAL TRANSISTOR www.unisonic.com.tw 1 of 2 Copyright © 2011 Unisonic Technologies Co., Ltd QW-R218-020.a GENERAL PURPOSE (DUAL DIGITAL TRANSISTORS) DESCRIPTION The UTC UD3H is Dual Digital Transistors including a NPN transistor and a PNP transistor. The transistor elements are independent to eliminate, interference. FEATURES * Transistor elements are independent, eliminating interference. * Mounting cost and area can be cut in half. EQUIVALENT CIRCUIT TR2 (6) (5) (4) R2 R1 TR1 R2 R1 (1) (2) (3) R1=10kΩ R2=10kΩ SOT-26 1 2 3 4 5 6 ORDERING INFORMATION Ordering Number Package Pin Assignment Packing Lead Free Halogen Free 123 45 6 UD3HL-AG6-R UD3HG-AG6-R SOT-26 E2 B2 C1 E1 B1 C2 Tape Reel UD3HL-AG3-R (1)Packing Type (2)Package Type (1) R: Tape Reel (2) AG3: SOT-26 (3) Halogen Free, L: Lead Free (3)Halogen Free |
유사한 부품 번호 - UD3HL-AG6-R |
|
유사한 설명 - UD3HL-AG6-R |