전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KE401-M120-R1 데이터시트(PDF) 1 Page - KODENSHI_AUK CORP.

부품명 KE401-M120-R1
상세설명  Incremental output method
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KODENSHI [KODENSHI_AUK CORP.]
홈페이지  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KE401-M120-R1 데이터시트(HTML) 1 Page - KODENSHI_AUK CORP.

  KE401-M120-R1 Datasheet HTML 1Page - KODENSHI_AUK CORP. KE401-M120-R1 Datasheet HTML 2Page - KODENSHI_AUK CORP. KE401-M120-R1 Datasheet HTML 3Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
電気的光学的特性
特長
用途
紙厚検知、用紙残量検知、用紙重送検知
その他微小な変位の検知
Paper thickness measurement,
Paper residual quantity detection,
Overlap transportation of the paper detection,
Detection of other minute displacement
(Ta=25℃)
最大定格 MAXIMUM RATINGS
Item
Symbol
Rating
Unit
動作温度
保存温度
Topr.
Tstg.
0~+60
-40~+70
(Ta=25℃)
Operating temp.
Storage temp.
DISPLACEMENT SENSORS
インクリメンタル出力方式
デジタル出力(2チャンネル)
分解能:1200LPI
Apr.2013
KE401-M120-R1は、接触式Leverの変位量を相対的にEncoderを用いて検出するSensorです。弊社標準の
Digital出力Encoder素子を応用する事で分解能10μm以下を低コストで実現しています。また、AD変換が不要な
為、回路構成が簡易でノイズ・温度・粉塵等の悪環境下でも性能の変化は僅かです。分解能、検出範囲につい
てはLever設計により調節が可能です。
KE401-M120-R1 is
Sensor which detects the relative displacement magnitude of the contact type Lever using Encoder.
Byapplying the Digital output Encoder of our standard, low cost realizes 10 μm or less of resolution.Moreover, since an
AD translation is unnecessary, a circuit configuration is simple and change of the characteristic is slight also under the
adverse environment of a noise, temperature, particulates, etc.About resolution and a range of detection, it can adjust
by Lever design.
変位センサ
FEATURES
APPLICATIONS
ELECTRO-OPTICAL CHARACTERISTICS
本資料に記載しております内容は、技術の改良、進歩等によって予告なしに変更されることがあります。ご使用の際には、仕様書をご用命のうえ、
内容の確認をお願い致します。
T
he contents of this data sheet are subject to change without advance notice for the purpose of improvement. When using this product,
would you please refer to the latest specifications.
3
V
40
mA
Incremental output method
Digital output (2ch)
Resolution: 1200LPI
順電流
逆電圧
電源電圧
Forward current
Reverse voltage
Operating voltage
発光側
LED
IF
VR
VCC
7
V
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit.
1.6
820
3.2
60
0.4
Vcc×0.8
5.0
3.4
3.3
3.4
順電圧
動作電源電圧
ハイレベル出力電圧
ローレベル出力電圧
分解能
検出範囲
最大応答周波数
Forward voltage
Operating supply voltage range
High level output voltage
Low level output voltage
Detection resolution
Detection range
Maximum response FREQ
発光側
LED
Δt
w
fmax
VF
λP
VCC
VOH
VOL
IF=20mA
V
nm
V
V
V
μm
mm
KHz
ピーク発光波長
Peak wavelength
VCC=3.3V
IF=20mA
KE401-M120-R1
受光側
Detector


유사한 부품 번호 - KE401-M120-R1

제조업체부품명데이터시트상세설명
logo
GIACOMINI WATER E-MOTIO...
KE410Y001 GIACOMINI-KE410Y001 Datasheet
561Kb / 5P
Ripetitore di segnale ZigBee ZigBee wireless signal repeater
KE410Y002 GIACOMINI-KE410Y002 Datasheet
561Kb / 5P
Ripetitore di segnale ZigBee ZigBee wireless signal repeater
logo
Vishay Siliconix
KE4391 VISHAY-KE4391 Datasheet
72Kb / 1P
n-channel JFETs
1977
KE4416 VISHAY-KE4416 Datasheet
54Kb / 1P
n-channel JFET
1977
logo
List of Unclassifed Man...
KE44B-25AN2GB ETC2-KE44B-25AN2GB Datasheet
1Mb / 1P
the perfect storage solution for mobile and embedded applications
More results

유사한 설명 - KE401-M120-R1

제조업체부품명데이터시트상세설명
logo
ASM GmbH
WS60 ASM-SENSOR-WS60 Datasheet
481Kb / 12P
absolute or incremental encoder output
logo
ALPS ELECTRIC CO.,LTD.
HGPJD ALPS-HGPJD Datasheet
94Kb / 1P
Incremental Encode Output Type
logo
KODENSHI_AUK CORP.
KE-2-10 KODENSHI-KE-2-10 Datasheet
188Kb / 3P
Incremental output method
KE-2-13 KODENSHI-KE-2-13 Datasheet
187Kb / 3P
Incremental output method
KE-2-14-60 KODENSHI-KE-2-14-60 Datasheet
172Kb / 3P
Incremental output method
KE-2-18 KODENSHI-KE-2-18 Datasheet
188Kb / 3P
Incremental output method
KE-2-19 KODENSHI-KE-2-19 Datasheet
183Kb / 3P
Incremental output method
KE2-23 KODENSHI-KE2-23 Datasheet
189Kb / 3P
Incremental output method
logo
ASM GmbH
PRDS5 ASM-SENSOR-PRDS5 Datasheet
637Kb / 10P
Magnetic Angle Sensor with Incremental Output
logo
AVAGO TECHNOLOGIES LIMI...
AEDR-8300 AVAGO-AEDR-8300 Datasheet
206Kb / 10P
Single channel incremental output
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com