전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MCP2510-EST 데이터시트(PDF) 26 Page - Microchip Technology

부품명 MCP2510-EST
상세설명  Stand-Alone CAN Controller with SPI Interface
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2510-EST 데이터시트(HTML) 26 Page - Microchip Technology

Back Button MCP2510-EST Datasheet HTML 22Page - Microchip Technology MCP2510-EST Datasheet HTML 23Page - Microchip Technology MCP2510-EST Datasheet HTML 24Page - Microchip Technology MCP2510-EST Datasheet HTML 25Page - Microchip Technology MCP2510-EST Datasheet HTML 26Page - Microchip Technology MCP2510-EST Datasheet HTML 27Page - Microchip Technology MCP2510-EST Datasheet HTML 28Page - Microchip Technology MCP2510-EST Datasheet HTML 29Page - Microchip Technology MCP2510-EST Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 76 page
background image
MCP2510
DS21291C-page 26
Preliminary
 2000 Microchip Technology Inc.
REGISTER 4-3:
BFPCTRL - RXNBF Pin Control and Status Register (ADDRESS: 0Ch)
REGISTER 4-4:
RXBNSIDH - Receive Buffer N Standard Identifier High (ADDRESS: 61h, 71h)
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
—
—
B1BFS
B0BFS
B1BFE
B0BFE
B1BFM
B0BFM
R = Readable bit
W = Writable bit
C = Bit can be cleared by
MCU but not set
U = Unimplemented -
reads as ‘0’
- n = Value at POR reset
bit 7
bit 0
bit 7:
Unimplemented: Reads as ‘0’
bit 6:
Unimplemented: Reads as ‘0’
bit 5:
B1BFS: RX1BF Pin State (digital output mode only)
Reads as 0 when RX1BF is configured as interrupt pin
bit 4:
B0BFS: RX0BF Pin State (digital output mode only)
Reads as 0 when RX0BF is configured as interrupt pin
bit 3:
B1BFE: RX1BF Pin Function Enable
1 = Pin function enabled, operation mode determined by B1BFM bit
0 = Pin function disabled, pin goes to high impedance state
bit 2:
B0BFE: RX0BF Pin Function Enable
1 = Pin function enabled, operation mode determined by B0BFM bit
0 = Pin Function disabled, pin goes to high impedance state
bit 1:
B1BFM: RX1BF Pin Operation Mode
1 = Pin is used as interrupt when valid message loaded into RXB1
0 = Digital output mode
bit 0:
B0BFM: RX0BF Pin Operation Mode
1 = Pin is used as interrupt when valid message loaded into RXB0
0 = Digital output mode
R-x
R-x
R-x
R-x
R-x
R-x
R-x
R-x
SID10
SID9
SID8
SID7
SID6
SID5
SID4
SID3
R = Readable bit
W = Writable bit
C = Bit can be cleared by
MCU but not set
U = Unimplemented -
reads as ‘0’
- n = Value at POR reset
bit 7
bit 0
bit 7-0:
SID<10:3>: Standard Identifier Bits <10:3>
These bits contain the eight most significant bits of the Standard Identifier for the received message



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com