| 전자부품 데이터시트 검색엔진 |
|
PIC16LC71 데이터시트(PDF) 157 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16LC71 데이터시트(HTML) 157 Page - Microchip Technology |
|
157 / 176 page ![]() © 1997 Microchip Technology Inc. DS30272A-page 157 PIC16C71X 17.3 18-Lead Plastic Surface Mount (SOIC - Wide, 300 mil Body)(SO) Package Group: Plastic SOIC (SO) Symbol Millimeters Inches Min Max Notes Min Max Notes α 0 ° 8 ° 0 ° 8 ° A 2.362 2.642 0.093 0.104 A1 0.101 0.300 0.004 0.012 B 0.355 0.483 0.014 0.019 C 0.241 0.318 0.009 0.013 D 11.353 11.735 0.447 0.462 E 7.416 7.595 0.292 0.299 e 1.270 1.270 Reference 0.050 0.050 Reference H 10.007 10.643 0.394 0.419 h 0.381 0.762 0.015 0.030 L 0.406 1.143 0.016 0.045 N 18 18 18 18 CP – 0.102 – 0.004 B e N Index Area Chamfer h x 45 ° α E H 1 2 3 CP h x 45 ° C L Seating Plane Base Plane D A1 A |