전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC16C745/P 데이터시트(PDF) 74 Page - Microchip Technology

부품명 PIC16C745/P
상세설명  8-Bit CMOS Microcontrollers with USB
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C745/P 데이터시트(HTML) 74 Page - Microchip Technology

Back Button PIC16C745/P Datasheet HTML 70Page - Microchip Technology PIC16C745/P Datasheet HTML 71Page - Microchip Technology PIC16C745/P Datasheet HTML 72Page - Microchip Technology PIC16C745/P Datasheet HTML 73Page - Microchip Technology PIC16C745/P Datasheet HTML 74Page - Microchip Technology PIC16C745/P Datasheet HTML 75Page - Microchip Technology PIC16C745/P Datasheet HTML 76Page - Microchip Technology PIC16C745/P Datasheet HTML 77Page - Microchip Technology PIC16C745/P Datasheet HTML 78Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 158 page
background image
PIC16C745/765
DS41124A-page 74
Advanced Information
© 1999 Microchip Technology Inc.
10.9.7
ASSEMBLING THE CODE
The code is designed to be used with the linker. There
is no provision for include-able files. The code comes
packaged as several different files:
• USB_CH9.ASM - handles all the Chapter 9 com-
mand processing.
• USB_INTF.ASM - Provides the interface functions
PutUSB, GetUSB
• USBMACRO.INC - Macros used by
• USB_DEFS.INC - #Defines used throughout the
code.
• USB_INT.ASM - Sample interrupt service routine.
• 16C765.LKR - Linker script (provided with
MPLAB)
10.9.7.1
Assembly Options:
There are two #defines at the top of the code that con-
trol assembly options.
10.9.7.2
#define ERRORCOUNTERS
This define includes code to count the number of
errors that occur, by type of error. This requires extra
code and RAM locations to implement the counters.
10.9.7.3
#define FUNCTIONIDS
This is useful for debug. It encodes the upper 6 bits of
USWSTAT (0x197) to indicate which function is exe-
cuting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More